Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60D-162-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 60D-162-R
Description  Field Network Modules 60-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

60D-162-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  60D-162-R Datasheet HTML 1Page - M-System Co.,Ltd. 60D-162-R Datasheet HTML 2Page - M-System Co.,Ltd. 60D-162-R Datasheet HTML 3Page - M-System Co.,Ltd. 60D-162-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 60D
60D SPECIFICATIONS
ES-6604 Rev.15 Page 1/4
https://www.m-system.co.jp/
Field Network Modules 60-UNIT Series
ANALOG I/O MODULE
(DeviceNet)
Functions & Features
• Interfacing analog I/O signals from/to 10-RACK or 18-RACK
modules with DeviceNet
• Saving power and I/O wiring inside an instrumentation
panel
72
(2.83)
80
(3.15)
mm (inch)
153
(6.02)
MODEL: 60D-[1][2]-[3][4]
ORDERING INFORMATION
• Code number: 60D-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. 60D-161-K/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] NO. OF CHANNELS
04: 4 points
08: 8 points
16: 16 points
[2] I/O TYPE
1: Input
2: Output
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
(CE not available)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
•Special cable (model: MCN34)
• Programming Unit (model: PU-2x)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
DeviceNet: Euro type connector terminal (applicable
wire size: 0.2 to 2.5 mm2, stripped length 7 mm)
I/O: 34-pin connector (OMRON XG4A-3434)
Power input: M3.5 screw terminal
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: I/O to DeviceNet to power to FG1
Power indicator: Green LED turns on with power supplied.
DeviceNet COMMUNICATION
Transmission cable: Approved for DeviceNet
Node address setting: DIP switch; 00 – 63
Baud rate setting: DIP switch
MS (Module Status) indicator: Bi-color (green/red) LED
indicates device status.
NS (Network Status) indicator: Bi-color (green/red)
LED indicates status of the communication link.
INPUT SPECIFICATIONS
■ Analog Input
Input range: 1 – 5 V DC
Input resistance: ≥ 1 MΩ
10-RACK and 18-RACK I/O modules must be isolated types.
Non-isolated modules such as 10BW and 18BW are not
usable.
A/D conversion output: 16-bit binary
Signal range 0 – 100 % is converted into hexadecimal 0000
– 1770 (0 – 6000). -15 to 0 % is represented by 2’s
complements.
Overall range is represented by hexadecimal FC7C – 1AF4


Similar Part No. - 60D-162-R

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
60D-11 YINT-60D-11 Datasheet
836Kb / 8P
MF72 power direct heat type negative temperature coefficient thermistor
logo
Shanghai Leiditech Elec...
60D-11 LEIDITECH-60D-11 Datasheet
3Mb / 24P
NTC Specification
60D-11 LEIDITECH-60D-11 Datasheet
2Mb / 24P
NTC Specification
logo
Yuan Dean Scientific., ...
60D-12D12CN YUANDEAN-60D-12D12CN Datasheet
265Kb / 2P
DC-DC Converter
60D-12S12CN YUANDEAN-60D-12S12CN Datasheet
265Kb / 2P
DC-DC Converter
More results

Similar Description - 60D-162-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
60C MSYSTEM-60C Datasheet
142Kb / 4P
Field Network Modules 60-UNIT Series
60F MSYSTEM-60F Datasheet
134Kb / 4P
Field Network Modules 60-UNIT Series
60M MSYSTEM-60M Datasheet
185Kb / 5P
Field Network Modules 60-UNIT Series
60S MSYSTEM-60S Datasheet
181Kb / 5P
Field Network Modules 60-UNIT Series
61A MSYSTEM-61A Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61C MSYSTEM-61C Datasheet
111Kb / 4P
Field Network Modules 61-UNIT Series
61D MSYSTEM-61D Datasheet
108Kb / 4P
Field Network Modules 61-UNIT Series
61F MSYSTEM-61F Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61M MSYSTEM-61M Datasheet
152Kb / 5P
Field Network Modules 61-UNIT Series
61S MSYSTEM-61S Datasheet
155Kb / 5P
Field Network Modules 61-UNIT Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com