Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR1100 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 73VR1100
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR1100 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  73VR1100 Datasheet HTML 1Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 2Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 3Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 4Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 5Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 6Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 7Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 8Page - M-System Co.,Ltd. 73VR1100 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MODEL: 73VR1100
73VR1100 SPECIFICATIONS
ES-7399 Rev.24 Page 2/18
https://www.m-system.co.jp/
Capacity: 256 MB through 1 GB
Part No.: 81.27L20.TB47C (256 MB)
81.29910.TB37C (512 MB)
81.29920.TB37C (1 GB)
(AP-CFxxxxE3ER-ETNDNR, AP-CFxxxxE3ER-ETNDNRK ...
discontinued)
• SD Card (Compatible with 73VR1100 Ver.5.03.xx or later)
Manufacturer: Hagiwara Solutions
Model No.: NSD6-004GH (B21SEI
(NSDA-004GT, NSDA-004GL ... discontinued)
SD/CF Conversion Adapter is required to use SD card. There
are some restrictions on using SD card. For details, refer to
the instruction manual.
• SD/CF Conversion Adapter (operation confirmed):
DeLOCK adaptor CF II to SDHC,SDXC
Model: 61796 (operation has been confirmed with the
adapter purchased in the year of 2016.)
62637 (operation has been confirmed with the
adapter purchased in the year of 2018.)
Note: Refer to the data sheets of the respective models.
PACKAGE INCLUDES...
• 73VR Application Software CD (model: 73VRPAC2)
• Mounting brackets (two)
(/HA: Not included for desktop type)
GENERAL SPECIFICATIONS
Construction: Panel mount type or desktop type
Degree of protection: IP65; applicable to the front panel of
the recorder with single mounting according to the specified
panel cutout (/HA: Desktop type cannot be mounted on a
panel surface)
■ CONNECTION
Power input, alarm output, RUN contact output: M3
separable screw terminal (torque 0.5 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Ethernet: RJ-45 Modular Jack
RS-485: Euro type connector terminal
Transmission media: Shielded twisted-pair cable (CPEV-S
0.9 dia.)
Applicable wire size: 0.2 to 2.5 mm2 or AWG 24 to AWG 12
for both stranded and single core wires. stripped length 7
mm. Use pin terminals with stranded wires.
■ MATERIALS
Enclosure: Steel
Bezel: Flame-resistant resin (black)
Front filter: Transparent resin
Isolation: Alarm output to RUN output to power to Ethernet
to FG or RS-485
■ INDICATORS
RUN output indicator LED: Green light turns on in normal
conditions; off in an abnormality.
Power indicator LED: Green light turns on when the power is
supplied.
■ INTERFACE
Ethernet: 10BASE-T / 100BASE-TX automatically switched;
Conforms to IEEE 802 (10BASE-T) or IEEE 802.3 (100BASE-
TX)
IP address: 192.168.0.1 (factory default setting)
Subnet mask: 255.255.255.0 (factory default setting)
Default gateway: None (factory default setting)
CF Card slot: Type I; for use with the cards’ operating
voltage 3.3 V
USB: Conforms to Version 1.1
■ DISPLAY
Display device: 5.5-inch TFT LCD
Display colors: 256
Resolution: 320 × 240 pixels
Pixel pitch: 0.12 × 0.35 mm
Note: The backlight can be replaced in M-System factory.
The LCD must be replaced at the same time.
■ ALARM / RUN OUTPUT
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
(For desktop type EU conformity: < 50 V AC)
30 V DC @ 0.5 A (resistive load)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 150 W
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (rate 300/min.)
External protection is recommended when driving an
inductive load.
RUN output contact: ON in normal conditions; OFF in errors
(CPU error, application errors)
Alarm output contact: Specified in the application software
EXTERNAL INTERFACE
■ Modbus RTU
Configuration: Half-duplex, asynchronous, no procedure
Standard: Conforms to TIA/EIA RS-485-A
Max. transmission distance: 500 meters
Transfer rate: 38400 bps
Data bit: 8
Parity bit: Odd
Stop bit: 1
Max. node number: 15 (except the master)
Transmission media:
Shielded twisted-pair cable (CPEV-S φ0.9)
Terminating resistor: incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com