Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR3100 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 73VR3100
Description  Paperless Recording System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR3100 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  73VR3100 Datasheet HTML 1Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 2Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 3Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 4Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 5Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 6Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 7Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 8Page - M-System Co.,Ltd. 73VR3100 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MODEL: 73VR3100
73VR3100 SPECIFICATIONS
ES-7397 Rev.30 Page 2/14
http://www.m-system.co.jp/
(NSDA-004GT, NSDA-004GL ... discontinued)
SD/CF Conversion Adapter is required to use SD card. There
are some restrictions on using SD card. For details, refer to
the instruction manual.
• SD/CF Conversion Adapter (operation confirmed):
DeLOCK adaptor CF II to SDHC,SDXC
Model: 61796 (operation has been confirmed with the
adapter purchased in the year of 2016.)
62637 (operation has been confirmed with the
adapter purchased in the year of 2018.)
Note: Refer to the data sheets of the respective models.
PACKAGE INCLUDES...
• 73VR Application Software CD (model: 73VRPAC2)
• Mounting brackets (two)
(/HA: Not included for desktop type)
I/O, INTERFACE I/O, AND NETWORK MODULE
■ COMMON INSTRUCTION
Use Ordering Information Sheet (No. ESU-7397) to specify
the types of I/O module, network module and interface I/O
module (gateway module). The total current consumption of
all mounted modules must be within 560 mA (continuous).
Please refer to the respective data sheet for detailed
specifications of each module.
■ SELECTABLE I/O MODULES
R3 Series I/O modules as listed below are used for the
73VR3100.
● I/O MODULE
R3–[1][2]
[1] MODEL
Analog Input
SS4: DC current input, 4 ch.
SS8: DC current input, 8 ch.
SS8N: DC current input, 8 ch., non-isolated
SS16N: DC current input, 16 ch., non-isolated
SV4: DC voltage input, 4 ch.
SV4A: DC voltage input, 4 ch., narrow span
SV4B: DC voltage input, 4 ch., wide span
SV4C: DC voltage input, 4 ch., wide span ±50 V
SV8: DC voltage input, 8 ch.
SV8A: DC voltage input, 8 ch., narrow span
SV8B: DC voltage input, 8 ch., wide span
SV8C: DC voltage input, 8 ch., wide span ±50 V
SV8N: DC voltage input, 8 ch., non-isolated
SV16N: DC voltage input, 16 ch., non isolated
TS4: Thermocouple input, 4 ch.
TS8: Thermocouple input, 8 ch.
RS4: RTD input, 4 ch.
RS8: RTD input, 8 ch.
MS4: Potentiometer input, 4 ch.
MS8: Potentiometer input, 8 ch.
US4: Universal input, 4 ch.
DS4: 4 – 20 mA input with excitation, 4 ch.
DS4A: 4 – 20 mA input w/exc. (switch provided), 4 ch.
DS8N: 4 – 20 mA input with excitation, 8 ch., non-isolated
CT4: CT (AC current) input, 4 ch.
CT4A: AC current input, 4 ch., clamp-on current sensor CLSA
use
CT4B: AC current input, 4 ch., clamp-on current sensor CLSB
use
CT4C: AC current input, 4 ch., clamp-on current sensor CLSB
-R5 use
CT8A: AC current input, 8 ch., clamp-on current sensor CLSA
use
CT8B: AC current input, 8 ch., clamp-on current sensor CLSB
use
CT8C: AC current input, 8 ch., clamp-on current sensor CLSB
-R5 use
PT4: PT (AC voltage) input, 4 ch.
CZ4: Zero-phase current input, 4 ch.
WT4: AC power input, 4 points
WT4A: AC power input, 4 ch., clamp-on current sensor CLSA
use
WT4B: AC power input, 4 ch., clamp-on current sensor CLSB
use
WTU: AC power input, 2 ch., clamp-on current sensor CLSE
use (Communication Mode ‘S’only)
LC2: Strain gauge input, 2 ch.
Pulse Input
PA2: Encoder input, 2 ch. (speed and position)
PA4: High speed pulse input, 4 ch.
PA4A: High speed totalized pulse input, 4 ch.
PA4B: Low speed totalized pulse input, 4 ch.
PA8: Totalized pulse input, 8 ch.
PA16: Totalized pulse input, 16 ch.
Discrete Input
DA16: Optical isolation discrete input, 16 ch. (13 V DC)
Discrete Output
DC16: Relay output, 16 ch.
DC32A: Open collector output, 32 ch.
(Limited to two discrete output modules at the maximum.)
Discrete I/O
DAC16A: Discrete input output module (Di 8 ch., Do 8 ch.)
(Limited to one discrete I/O module at the maximum.)
Alarm
AS4: DC current input alarm, 4 ch.
AS8: DC current input alarm, 8 ch.
AV4: DC voltage input alarm, 4 ch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com