Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR1100-E-R Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # 73VR1100-E-R
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR1100-E-R Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button 73VR1100-E-R Datasheet HTML 6Page - M-System Co.,Ltd. 73VR1100-E-R Datasheet HTML 7Page - M-System Co.,Ltd. 73VR1100-E-R Datasheet HTML 8Page - M-System Co.,Ltd. 73VR1100-E-R Datasheet HTML 9Page - M-System Co.,Ltd. 73VR1100-E-R Datasheet HTML 10Page - M-System Co.,Ltd. 73VR1100-E-R Datasheet HTML 11Page - M-System Co.,Ltd. 73VR1100-E-R Datasheet HTML 12Page - M-System Co.,Ltd. 73VR1100-E-R Datasheet HTML 13Page - M-System Co.,Ltd. 73VR1100-E-R Datasheet HTML 14Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MODEL: 73VR1100
73VR1100 SPECIFICATIONS
ES-7399 Rev.24 Page 10/18
https://www.m-system.co.jp/
PANEL CUTOUT (unit: mm)
Usable panel thickness: 2 – 26 mm (0.08” – 1.02”)
137
+2
0
137
+2
0
■ SINGLE MOUNTING
■ VERTICAL CLUSTERED MOUNTING (max. 3 units)
■ HORIZONTAL CLUSTERED MOUNTING
L
+2
0
L
(mm)
Number
2
3
4
5
6
7
8
9
10
n
282
426
570
714
858
1002
1146
1290
1434
(114 × n) – 6
+2
0
175 min
Notes
1. Dimensional tolerance ±3% unless otherwise specified.
(±0.3 mm for < 10 mm)
2. Desktop type cannot be mounted on a panel surface.
SOFTWARE FUNCTIONS
■ NUMBER OF INPUT PEN POINTS
High speed mode: 64 points
Normal mode: 128 points
Function pen points are included in the above figures.
■ TYPE OF I/O DEVICES
High speed mode: R3-NE1
Normal mode: R1M-GH2, R1M-J3, R1M-A1, R1M-D1, R1M-P4,
R1MS-GH3, R2M-2G3, R2M-2H3, RZMS-U9, R3-NE1, R3-NM1,
R5-NE1, R5-NM1, R7E, R7M, 53U, IT60RE, IT40SRE, IT50SRE,
IT60SRE
■ NUMBER OF I/O DEVICES
Ethernet
High speed mode: 1 station
Normal mode: 2 stations; Max. 15 nodes are connectable to
one 72EM2-M4 station.
RS-485: 15 nodes
■ DATA STORING METHOD
Normal: Recording is manually initiated and stopped. Data
is continuously stored while the recording is on.
Auto: Recording is automatically initiated and stopped at a
predefined time.
Event recording: The recorder detects an external event by
trigger signal, and stores preset number of samples (max.
1200 respectively) before and after the moment of event.
Remote trigger: Data is automatically recorded while the
external trigger condition (input) is true.
■ STORING RATE
High speed mode: 100 msec.
Normal mode: 500 msec., 1, 2, 5, 10 seconds, 1 minute, 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com