Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR3100-N-R Datasheet(PDF) 12 Page - M-System Co.,Ltd.

Part # 73VR3100-N-R
Description  Paperless Recording System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR3100-N-R Datasheet(HTML) 12 Page - M-System Co.,Ltd.

Back Button 73VR3100-N-R Datasheet HTML 6Page - M-System Co.,Ltd. 73VR3100-N-R Datasheet HTML 7Page - M-System Co.,Ltd. 73VR3100-N-R Datasheet HTML 8Page - M-System Co.,Ltd. 73VR3100-N-R Datasheet HTML 9Page - M-System Co.,Ltd. 73VR3100-N-R Datasheet HTML 10Page - M-System Co.,Ltd. 73VR3100-N-R Datasheet HTML 11Page - M-System Co.,Ltd. 73VR3100-N-R Datasheet HTML 12Page - M-System Co.,Ltd. 73VR3100-N-R Datasheet HTML 13Page - M-System Co.,Ltd. 73VR3100-N-R Datasheet HTML 14Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MODEL: 73VR3100
73VR3100 SPECIFICATIONS
ES-7397 Rev.30 Page 12/14
http://www.m-system.co.jp/
Data search: Scrolling the view or specifying a specific time
index.
Jump: Scroll the view to an alarm event to show the relevant
data on Retrieve View.
• Comment History View: Shows data stored in the
comment history file.
Number of displayed alarm events: 16
Number of display views: 1
Data search: Scrolling the view or specifying a specific time
index.
Jump: Scroll the view to a comment to show the relevant
data on Retrieve View.
■ ETHERNET COMMUNICATION
Monitoring data and setup of the 73VR3100 is possible on
the PC connected via Ethernet.
• Dedicated Protocol
Real time communication: Transmits specific data to a host
PC installed with the PC Recorder Software (model:
MSR128).
FTP communication: Transmits data stored in the CF Card
using the FTP protocol to a host PC by the 73VR Data Viewer
(model: 73VRWV) installed in it. Data can be transmitted
even during recording.
Download, Upload: Software configurations created on the
73VR3100 Configuration Builder (model: 73VR31BLD) can
be downloaded to the 73VR3100. The configuration set up
on the 73VR3100 can be uploaded and displayed on the
73VR31BLD.
• Modbus Protocol
Protocol: Modbus/TCP
Port No.: 502 (fixed)
IP address: Set on the recorder
Subnet mask: Set on the recorder
Default gateway: Set on the recorder
Max. number of 73VR3100 connected simultaneously: 2
Supported Function Codes
CODE NAME
FUNCTION
01
Read Coil Status
Reads DO
02
Read Input Status
Reads DI
04
Read Input Register
Reads Input Register
05
Force Single Coil
Sets DO
11
Fetch Communication
Reads Status Word and
Event Counter
Event Counter from
Comm. Event Counter
15
Force Multiple Coils
Sets DO (multiple)
Exception Response
CODE NAME
FUNCTION
01
Illegal Function
Function Not supported
02
Illegal Data Address
Speci ed address does
not exist
Supported Function Codes
ADDR.
NAME
Coil (0X)
1...256
Alarm output, discrete output
Input Status
1...256
Trigger input, discrete input
(1X)
257...319 Function data (discrete)
Input Register
1...64
Measured data (analog, 2 bytes)
(3X)
257...
Measured data (analog, 4 bytes)
385...
Function data (analog, 4 bytes)
■ REMOTE MODE
Setting and operation from PLC is available in combination
with interface I/O modules.
Please refer to the 73VR3100 REMOTE MODE Reference
Manual for detailed information.
■ OTHER FUNCTIONS
• Operation Lockout
With a password setting, unauthorized operations on the
Trend View, Bargraph View and Overview can be locked out.
• Data File Used Volume Information
A bargraph with % indication is provided on the screen to
show how much percent of the data file memory has been
used up.
0 – 49 % used: Green bargraph
50 – 79 % used: Amber bargraph
80 – 100 % used: Red bargraph
• Hot Swapping of the CF Card
The CF Card is hot swappable: removable during data
recording. However, there may be a slight disturbance in
storing rate when the card is inserted.
• Screen Saver
The backlight is automatically turned off if the screen is
untouched for a certain time period.
• Bus Error Alert
An alarm contact is output at a specified channel of the R3-
DC16, R3-DC32A and R3-DAC16A in case of internal bus
error. (Only 1 channel can be specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com