Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61C-162-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 61C-162-R
Description  Field Network Modules 61-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

61C-162-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  61C-162-R Datasheet HTML 1Page - M-System Co.,Ltd. 61C-162-R Datasheet HTML 2Page - M-System Co.,Ltd. 61C-162-R Datasheet HTML 3Page - M-System Co.,Ltd. 61C-162-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 61C
61C SPECIFICATIONS
ES-6627 Rev.8 Page 2/4
http://www.m-system.co.jp/
SD indicator: Red LED turns on when transmitting.
RD indicator: Red LED turns on when receiving.
INPUT SPECIFICATIONS
■ Analog Input
Input range: 1 – 5 V DC
Input resistance: ≥ 1 MΩ
(Each input must be isolated by signal conditioners. Non-
isolated modules such as M2BW and M8BW are not usable.)
A/D conversion
Moving averaging: 4 samples
Sampling rate: 160 ms
A/D conversion output: Signed binary
Signal range 0 – 100 % is converted into hexadecimal 0000
– 2710 (0 – 10000). -15 to 0 % is a negative range
represented by 2's complements.
Overall range is represented by hexadecimal FA24 – 2CEC
(-1500 – +11500), for -15 – +115 %.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
RWr n+0
SIGN
BIT
INPUT 1 A/D CONVERSION DATA
RWr n+1
SIGN
BIT
INPUT 2 A/D CONVERSION DATA
RWr n+2
SIGN
BIT
INPUT 3 A/D CONVERSION DATA
RWr n+3
SIGN
BIT
INPUT 4 A/D CONVERSION DATA
RWr n+7
SIGN
BIT
INPUT 8 A/D CONVERSION DATA
RWr n+11
SIGN
BIT
INPUT 12 A/D CONVERSION DATA
RWr n+15
SIGN
BIT
INPUT 16 A/D CONVERSION DATA
RWr n+0 through RWr n+3 for 4 inputs.
RWr n+0 through RWr n+7 for 8 inputs or inputs of 16-input/output.
RWr n+0 through RWr n+15 for 16 inputs.
s A/D CONVERSION DATA
OUTPUT SPECIFICATIONS
■ Analog Output
Output range: 1 – 5 V DC
Load resistance: 20 kΩ minimum
(Output must be isolated with signal conditioners.
When the transmission line is open, the last value sampled
before failure is held. Non-isolated modules such as M2BW
and M8BW are not usable. )
D/A conversion input: Signed binary
Signal range 0 – 100 % is converted into hexadecimal
0000 – 2710 (0 – 10000).
-15 to 0 % is a negative range represented by 2's
complements.
Overall range is represented by hexadecimal FA24 – 2CEC
(-1500 – +11500), for -15 – +115 %.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
RWw n+0
SIGN
BIT
OUTPUT 1 D/A CONVERSION DATA
RWw n+1
SIGN
BIT
OUTPUT 2 D/A CONVERSION DATA
RWw n+2
SIGN
BIT
OUTPUT 3 D/A CONVERSION DATA
RWw n+3
SIGN
BIT
OUTPUT 4 D/A CONVERSION DATA
RWw n+7
SIGN
BIT
OUTPUT 8 D/A CONVERSION DATA
RWw n+11
SIGN
BIT
OUTPUT 12 D/A CONVERSION DATA
RWw n+15
SIGN
BIT
OUTPUT 16 D/A CONVERSION DATA
RWw n+0 through RWw n+3 for 4 outputs.
RWw n+0 through RWw n+7 for 8 outputs or outputs of 16-input/output.
RWw n+0 through RWw n+15 for 16 outputs.
s D/A CONVERSION DATA
INSTALLATION
Power consumption
•AC: Approx. 4 VA
•DC: Approx. 4 W (160 mA)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: MxBS2)
Weight: 250 g (0.55 lb)
PERFORMANCE in percentage of span
A/D conversion: ±0.1 %
D/A conversion: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Permissible power failure duration: ≤ 10 msec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(I/O to CC-Link to power)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com