Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61C-083-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 61C-083-R
Description  Field Network Modules 61-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

61C-083-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  61C-083-R Datasheet HTML 1Page - M-System Co.,Ltd. 61C-083-R Datasheet HTML 2Page - M-System Co.,Ltd. 61C-083-R Datasheet HTML 3Page - M-System Co.,Ltd. 61C-083-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 61C
61C SPECIFICATIONS
ES-6627 Rev.8 Page 1/4
http://www.m-system.co.jp/
Field Network Modules 61-UNIT Series
ANALOG I/O MODULE
(CC-Link)
Functions & Features
• Interfacing analog I/O signals from/to Mini-M, Pico-M and
other signal conditioner modules with CC-Link
• Saving power and I/O wiring inside an instrumentation
panel
2 3
2 3
2 3
50
(1.97)
115
(4.53)
100
(3.94)
mm (inch)
MODEL: 61C-[1][2]-[3][4]
ORDERING INFORMATION
• Code number: 61C-[1][2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. 61C-161-K/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] NO. OF CHANNELS
04: 4 points
08: 8 points
16: 16 points
[2] I/O TYPE
1: Input
2: Output
3: Input/output (Select 16 for no. of channels)
(8 points for input, 8 points for output)
(Use Installation Base model: M8BS2-164)
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
(Specify power suffix code R (24 V DC) when the 61C is to be
combined with the M8BS2.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Installation Base (model: M2BS2)
• Installation Base (model: M8BS2)
PACKAGE INCLUDES...
• Terminating resistor (110 Ω, 0.5 W)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
CC-Link: Euro type connector terminal (applicable wire
size: 0.2 to 2.5 mm2, stripped length 7 mm)
I/O: Via Installation Base (model: MxBS2)
Power input: Via Installation Base (model: MxBS2)
Housing material: Flame-resistant resin (black)
Isolation: I/O to CC-Link to power
Power indicator: Green LED turns on with power supplied.
CC-Link COMMUNICATION
CC-Link: Conforms to Version 1.10
Station type: Remote device station
Station No. setting: Rotary switch; 1 – 64
Number of occupied stations:
61C-04x: 1 station
61C-08x: 2 stations
61C-161: 4 stations
61C-162: 4 stations
61C-163: 2 stations
Remote I/O (RX, RY) is fixed to 32 points.
Baud rate setting: Rotary switch
(156kbps(factory setting), 625kbps, 2.5Mbps, 5Mbps,
10Mbps)
Transmission cable: Approved for CC-Link
L RUN indicator: Red LED turns on in an normal condition.
L ERR. indicator: Red LED turns on or flashes in an
abnormality; off with wire breakdown.


Similar Part No. - 61C-083-R

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
61C GRAYHILL-61C Datasheet
34Kb / 2P
16 or 32 Position with Pushbutton
61C00-01-04-01 GRAYHILL-61C00-01-04-01 Datasheet
34Kb / 2P
16 or 32 Position with Pushbutton
61C00-01-04-02 GRAYHILL-61C00-01-04-02 Datasheet
34Kb / 2P
16 or 32 Position with Pushbutton
61C00-01-08-01 GRAYHILL-61C00-01-08-01 Datasheet
34Kb / 2P
16 or 32 Position with Pushbutton
61C00-01-08-02 GRAYHILL-61C00-01-08-02 Datasheet
34Kb / 2P
16 or 32 Position with Pushbutton
More results

Similar Description - 61C-083-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
60C MSYSTEM-60C Datasheet
142Kb / 4P
Field Network Modules 60-UNIT Series
60D MSYSTEM-60D Datasheet
140Kb / 4P
Field Network Modules 60-UNIT Series
60F MSYSTEM-60F Datasheet
134Kb / 4P
Field Network Modules 60-UNIT Series
60M MSYSTEM-60M Datasheet
185Kb / 5P
Field Network Modules 60-UNIT Series
60S MSYSTEM-60S Datasheet
181Kb / 5P
Field Network Modules 60-UNIT Series
61A MSYSTEM-61A Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61D MSYSTEM-61D Datasheet
108Kb / 4P
Field Network Modules 61-UNIT Series
61F MSYSTEM-61F Datasheet
100Kb / 3P
Field Network Modules 61-UNIT Series
61M MSYSTEM-61M Datasheet
152Kb / 5P
Field Network Modules 61-UNIT Series
61S MSYSTEM-61S Datasheet
155Kb / 5P
Field Network Modules 61-UNIT Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com