Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVDLS35 Datasheet(PDF) 2 Page - Schneider Electric

Part # XVDLS35
Description  Harmony XVDLS, Monolithic tower light, plastic orange, 횠45, steady, incandescent bulb BA 15d base, <= 230 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVDLS35 Datasheet(HTML) 2 Page - Schneider Electric

  XVDLS35 Datasheet HTML 1Page - Schneider Electric XVDLS35 Datasheet HTML 2Page - Schneider Electric XVDLS35 Datasheet HTML 3Page - Schneider Electric XVDLS35 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Environment
Product certifications
CSA
UL
Standards
EN/IEC 60947-5-1
Protective treatment
TC
Ambient air temperature for operation
-25…70 °C
Ambient air temperature for storage
-40…70 °C
Electrical shock protection class
Class II conforming to IEC 60536
IP degree of protection
IP40 conforming to IEC 60529
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
105 g
Package 1 Height
5.6 cm
Package 1 width
5.6 cm
Package 1 Length
11.2 cm
Unit Type of Package 2
S01
Number of Units in Package 2
6
Package 2 Weight
855 g
Package 2 Height
15 cm
Package 2 width
15 cm
Package 2 Length
40 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
Contractual warranty
Warranty
18 months
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com