Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVC4M2 Datasheet(PDF) 2 Page - Schneider Electric

Part # XVC4M2
Description  Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, tube mounting, steady, without buzzer, IP23, 100...240 V AC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVC4M2 Datasheet(HTML) 2 Page - Schneider Electric

  XVC4M2 Datasheet HTML 1Page - Schneider Electric XVC4M2 Datasheet HTML 2Page - Schneider Electric XVC4M2 Datasheet HTML 3Page - Schneider Electric XVC4M2 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Environment
Standards
EN/IEC 60947-5-1
EN/IEC 60947-1
Product certifications
UL
Protective treatment
TC
Ambient air temperature for storage
-35…70 °C
Ambient air temperature for operation
-10…50 °C
Electrical shock protection class
Class I conforming to EN/IEC 61140
Overvoltage category
Class I conforming to EN/IEC 61140
IP degree of protection
IP23 vertical surface installation conforming to EN/IEC 60529
Packing Units
Package 1 Weight
0.982 kg
Package 1 Height
0.680 dm
Package 1 width
0.680 dm
Package 1 Length
7.550 dm
Offer Sustainability
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
Contractual warranty
Warranty
18 months
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com