Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVC4B2K Datasheet(PDF) 2 Page - Schneider Electric

Part # XVC4B2K
Description  Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, base mounting, steady, without buzzer, IP54, 24 V AC DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVC4B2K Datasheet(HTML) 2 Page - Schneider Electric

  XVC4B2K Datasheet HTML 1Page - Schneider Electric XVC4B2K Datasheet HTML 2Page - Schneider Electric XVC4B2K Datasheet HTML 3Page - Schneider Electric XVC4B2K Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Environment
Standards
EN/IEC 61000-6-3
EN/IEC 61000-6-2
Product certifications
UL
Protective treatment
TC
Ambient air temperature for storage
-35…70 °C
Ambient air temperature for operation
-10…50 °C
Electrical shock protection class
Class II conforming to EN/IEC 61140
Overvoltage category
Class II conforming to EN/IEC 61140
IP degree of protection
IP54 flat surface installation conforming to EN/IEC 60529
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
260 g
Package 1 Height
7 cm
Package 1 width
7.2 cm
Package 1 Length
47 cm
Unit Type of Package 2
S04
Number of Units in Package 2
12
Package 2 Weight
4.608 kg
Package 2 Height
30 cm
Package 2 width
40 cm
Package 2 Length
60 cm
Offer Sustainability
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
Contractual warranty
Warranty
18 months
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com