Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51U-0B2-R1 Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # 51U-0B2-R1
Description  Panel Mounted Multi Power Meter 51-UNIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

51U-0B2-R1 Datasheet(HTML) 8 Page - M-System Co.,Ltd.

Back Button 51U-0B2-R1 Datasheet HTML 4Page - M-System Co.,Ltd. 51U-0B2-R1 Datasheet HTML 5Page - M-System Co.,Ltd. 51U-0B2-R1 Datasheet HTML 6Page - M-System Co.,Ltd. 51U-0B2-R1 Datasheet HTML 7Page - M-System Co.,Ltd. 51U-0B2-R1 Datasheet HTML 8Page - M-System Co.,Ltd. 51U-0B2-R1 Datasheet HTML 9Page - M-System Co.,Ltd. 51U-0B2-R1 Datasheet HTML 10Page - M-System Co.,Ltd. 51U-0B2-R1 Datasheet HTML 11Page - M-System Co.,Ltd. 51U-0B2-R1 Datasheet HTML 12Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
51U
Specifications subject to change without notice.
DISPLAY ITEMS & OUTPUTS
Items shown in brackets can be displayed when you change settings.
Suffix Code: A
Suffix Code: B
Suffix Code: C
Suffix Code: D
Suffix Code: E
Suffix Code: F
DISPLAY
A
1
A
N
A
2
TERM.
ITEMS
CH1
CH2
CH3
Dis.
A1
AN
A2
Display switch. inp.
TERM.
ITEMS
CH1
CH2
CH3
Dis.
V1N
V2N
V12
Display switch. inp.
TERM.
ITEMS
CH1
CH2
Dis.
A1 (AN, A2)
V1N (V2N, V12)
Display switch. inp.
TERM.
ITEMS
CH1
CH2
CH3
Dis.
A1 (AN, A2)
V1N (V2N, V12)
0 – 1 kW
(-1 – +1 kW)
Display switch. inp.
TERM.
ITEMS
CH1
CH2
PULSE
Dis.
A1 (AN, A2)
V1N (V2N, V12)
kWh
Display switch. inp.
TERM.
ITEMS
CH1
CH2
PULSE
Dis.
A1 (AN, A2)
0 – 1 kW
(-1 – +1 kW)
kWh
Display switch. inp.
DISPLAY
V
2 – N
V
1 – N
V
1 – 2
DISPLAY
V
A
N
1
2
2 – N
1 – N
1 – 2
DISPLAY
V
A
N
1
2
x1 kW
x10 kW
2 – N
1 – N
1 – 2
DISPLAY
V
A
N
1
2
x10 kWh
x1 kWh
x100 kWh
2 – N
1 – N
1 – 2
DISPLAY
A
N
1
2
x10 kWh
x1 kWh
x100 kWh
x1 kW
x10 kW
Suffix Code: J
Suffix Code: K
TERM.
ITEMS
CH1
CH2
RESET
Dis.
A1 (AN, A2)
DA (MDA)
MDA ext. reset inp.
Display switch. inp.
TERM.
ITEMS
ALARM
RESET
Dis.
DA alarm output
MDA ext. reset inp.
Display switch. inp.
DISPLAY
A
N
1
2
A
N
1
DA
2
A
MDA
DISPLAY
N
1
2
A
MAX
A
DA
A
ALARM
SET
Suffix Code: L
Suffix Code: M
TERM.
ITEMS
CH1
CH2
CH3
Dis.
Hz
PF
0 – 1 kW
(-1 – +1 kW)
Display switch. inp.
TERM.
ITEMS
CH1
CH2
PULSE
Dis.
PF
0 – 1 kW
(-1 – +1 kW)
kWh
Display switch. inp.
DISPLAY
Hz
%
x1 kW
x10 kW
DISPLAY
%
x10 kWh
x1 kWh
x100 kWh
x1 kW
x10 kW
Suffix Code: N
Suffix Code: P
TERM.
ITEMS
CH1
CH2
CH1/CH2
PULSE
Dis.
V1N (V2N, V12)
0 – 1 kW
(-1 – +1 kW)
(A1, AN, A2)
kWh
Display switch. inp.
TERM.
ITEMS
CH1
CH2
CH1/CH2
PULSE
Dis.
A1 (AN, A2)
V1N (V2N, V12)
(DA, MDA)
kWh
Display switch. inp.
DISPLAY
V
2 – N
1 – N
1 – 2
x10 kWh
x1 kWh
x100 kWh
x1 kW
x10 kW
DISPLAY
V
2 – N
1 – N
1 – 2
A
DA
MDA
N
1
2
x10 kWh
x1 kWh
x100 kWh
CH1
CH2
CH3
Dis.
++
––
+
–
•Output Connection
CH1
CH2
CH3
Dis.
++
––
+
–
•Output Connection
CH1
CH2
Dis.
++
––
•Output Connection
CH1
CH2
CH3
Dis.
++
––
+
–
•Output Connection
CH1
CH2
PULSE
Dis.
++
––
•Output Connection
CH1
CH2
PULSE
Dis.
++
––
•Output Connection
CH1
CH2
RESET
Dis.
++
––
•Output Connection
ALARM RESET
Dis.
•Output Connection
CH1
CH2
CH3
Dis.
++
––
+
–
•Output Connection
CH1
CH2
PULSE
Dis.
++
––
•Output Connection
CH1
CH2
PULSE
Dis.
++
––
•Output Connection
CH1
CH2
PULSE
Dis.
++
––
•Output Connection
P. 8 / 16
ES-6481 Rev.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com