Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN-111-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # ADN-111-R
Description  Limit Alarms (potentiometer adj.) A-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ADN-111-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  ADN-111-R Datasheet HTML 1Page - M-System Co.,Ltd. ADN-111-R Datasheet HTML 2Page - M-System Co.,Ltd. ADN-111-R Datasheet HTML 3Page - M-System Co.,Ltd. ADN-111-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: ADN
ADN SPECIFICATIONS
ES-2124 Rev.7 Page 2/4
http://www.m-system.co.jp/
Low-end cutout function: Below 1 % input. A setpoint below
10 % output equals 0 %.
Deadband (hysteresis) adjustments: 1 - 100% of square root
value (rear)
Front LEDs: LED turns on at a tripped condition; red for
output 1, green for output 2
Power ON timer: Relays de-energized for approx. 2 seconds
after power is turned on.
SUPPLY OUTPUT
Output voltage: 24 – 28 V DC with no load
Current rating: ≤ 22 mA DC
• Shortcircuit Protection
Current limited: 35 mA max.
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
OUTPUT SPECIFICATIONS
■ Relay Contact: 100 V AC @ 1 A (cos ø = 1)
120 V AC @ 1 A (cos ø = 1)
240 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 380 V AC or 125 V DC
Maximum switching power: 120 VA or 30 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 x 107 cycles
For maximum relay life with inductive loads, external
protection is recommended.
Output Code: 1 & 4: Terminals 1 – 2, 9 – 10 turn ON
Alarm Trip Operation Terminal No. in parentheses
Trip Operation in Power Failure
• Output Code: 2 & 3: Terminals 1 – 3, 9 – 11 turn ON
0
50
100
Input
(%)
Output 2
Setpoint
Output 1
Setpoint
Output 1
(9-10)ON
Output 2
(1-2)ON
(1-3)ON
(9-11)ON
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ± 2 Hz, approx. 2.5 VA
• DC: Operational voltage range: rating ±10 %, or 85 – 150
V for 110 V rating (ripple 10 % p-p max.)
approx. 2 W (80 mA at 24 V)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 380 g (0.84 lb)
PERFORMANCE in percentage of span
Trip point repeatability: ±0.5 % with input 1 – 100 %
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Response time: ≤ 1 sec. (0 – 100 % at 90 % setpoint)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output 1
to output 2 to power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com