Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN-122-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ADN-122-R
Description  Limit Alarms (potentiometer adj.) A-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ADN-122-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ADN-122-R Datasheet HTML 1Page - M-System Co.,Ltd. ADN-122-R Datasheet HTML 2Page - M-System Co.,Ltd. ADN-122-R Datasheet HTML 3Page - M-System Co.,Ltd. ADN-122-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: ADN
ADN SPECIFICATIONS
ES-2124 Rev.7 Page 1/4
http://www.m-system.co.jp/
Limit Alarms (potentiometer adj.) A-UNIT
TWO-WIRE TRANSMITTER ALARM
(with square root extractor)
Functions & Features
• Powering a 4 – 20 mA DC current loop
• Providing SPDT relay outputs at preset current levels
• Shortcircuit protection
• Square root extraction
• Applicable to smart transmitters
• Dual (Hi/Lo) trip
• Energized or de-energized coil at a tripped condition
selectable
• Deadband (hysteresis) adjustable
• Enclosed relays
• Relays can be powered 110 V DC
• High-density mounting
Typical Applications
• Annunciator
• Various alarm applications
50
(1.97)
132
(5.20)
80
(3.15)
mm (inch)
MODEL: ADN–1[1][2]–[3][4]
ORDERING INFORMATION
• Code number: ADN-1[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. ADN-111-B/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
INPUT
Current
4 – 20 mA DC (Input resistance 250 Ω)
SETPOINT ADJUSTMENTS
1: Single-turn screws
[1] SETPOINT 1 OUTPUT
1: Hi (coil energized at alarm)
2: Hi (coil de-energized at alarm)
3: Lo (coil energized at alarm)
4: Lo (coil de-energized at alarm)
[2] SETPOINT 2 OUTPUT
1: Hi (coil energized at alarm)
2: Hi (coil de-energized at alarm)
3: Lo (coil energized at alarm)
4: Lo (coil de-energized at alarm)
[3] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Setpoint adjustments: 270°-turn screwdriver adjustments
(front); 0 – 100 % independently


Similar Part No. - ADN-122-R

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
ADN-12-10-A-P-A FESTO-ADN-12-10-A-P-A Datasheet
91Kb / 1P
Compact air cylinder
ADN-12-10-I-P-A FESTO-ADN-12-10-I-P-A Datasheet
89Kb / 1P
Compact air cylinder
ADN-12-15-A-P-A FESTO-ADN-12-15-A-P-A Datasheet
91Kb / 1P
Compact air cylinder
ADN-12-15-I-P-A FESTO-ADN-12-15-I-P-A Datasheet
89Kb / 1P
Compact air cylinder
ADN-12-20-A-P-A FESTO-ADN-12-20-A-P-A Datasheet
90Kb / 1P
Compact air cylinder
More results

Similar Description - ADN-122-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AAC MSYSTEM-AAC Datasheet
125Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ACTA MSYSTEM-ACTA Datasheet
132Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ACTE MSYSTEM-ACTE Datasheet
133Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ACV MSYSTEM-ACV Datasheet
133Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ADY MSYSTEM-ADY Datasheet
126Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ANR MSYSTEM-ANR Datasheet
124Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
APOT MSYSTEM-APOT Datasheet
124Kb / 3P
Limit Alarms (potentiometer adj.) A-UNIT
ARB MSYSTEM-ARB Datasheet
126Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ASP MSYSTEM-ASP Datasheet
126Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ATC MSYSTEM-ATC Datasheet
134Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com