Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

898-5-R220 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 898-5-R220
Description  Dual-In-Line Thick Film Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

898-5-R220 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  898-5-R220 Datasheet HTML 1Page - List of Unclassifed Manufacturers 898-5-R220 Datasheet HTML 2Page - List of Unclassifed Manufacturers 898-5-R220 Datasheet HTML 3Page - List of Unclassifed Manufacturers 898-5-R220 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4
4-163
Models 898, 899
N
1
N/2
-3 Circuit - Isolated Resistors
-1 Circuit - Bussed Resistors
N
1
N/2
-5 Circuit - Dual Terminator
N
R1
R2
1
N/2
-42 Circuit - 5.2V (VEE) Pull-Down
VCC
VCC
VEE
1
16
cR
R
R
R
R
R
R
R
R
R
RR
VEE
-45 Circuit - TTL to ECL Translator
VCC
VCC
R1
180
Ω
270
Ω
820
Ω
R2
R3
1
16
TTL Inputs
Outputs To ECL
Custom Model: 898-45
R1=180Ω R2=270Ω R3=820Ω
Custom Model: 898-42-R (R)
R=510
Ω
VEE
SCHEMATICS
Max.
Notes:
Unless otherwise specified,
tolerances are
Ref.
.050
1.27
Max.
.125
3.18
Ref.
.060
1.52
Max.
.185
4.70
Min.
.020
0.51
Max.
.880
22.4
Model 898
Model 899
Max.
.780
19.8
±
.005
0.13
Ref.
.250
6.35
.135
± .030
3.43
± 0.76
Typical spacing
non-accumulating
lead thickness:
*
.010
± .002
0.25
± 0.05
.340
± .020
8.64
± 0.51
.600
± .010
15.2
± 0.25
.018
± .003
0.46
± 0.08
.100
± .010*
2.54
± 0.25
.080
± .020
2.03
± 0.51
.700
± .010
17.8
± 0.25
OUTLINE DIMENSIONS (Inch/mm)
Note: Model 899: N = 114 Leads, Model 898: N = 16 Leads.
Custom circuits are available. Consult Factory.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com