Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTEC Datasheet(PDF) 1 Page - Festo Corporation.

Part # CTEC
Description  CP electrical components
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CTEC Datasheet(HTML) 1 Page - Festo Corporation.

  CTEC Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CP electrical components
CTEC
Part number: 539641
Data sheet
Overall data sheet – Individual values depend upon your configuration.
Feature
Value
Type code
CTEC
Max. number of inputs
128
Max. no. of outputs
128
Nominal operating voltage DC
24 V
Electrical actuation
Fieldbus
Integrated controller
Cable length
0.25 m ... 8 m
Corrosion resistance class (CRC)
1 - Low corrosion stress
Degree of protection
IP65
IP67
Ambient temperature
-20 °C ... 70 °C
6/9/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - CTEC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CTEC6040M VISHAY-CTEC6040M Datasheet
80Kb / 3P
Surface Mount Oscillator
26-Apr-13
CTEC604M VISHAY-CTEC604M Datasheet
80Kb / 3P
Surface Mount Oscillator
26-Apr-13
CTECNA40M VISHAY-CTECNA40M Datasheet
80Kb / 3P
Surface Mount Oscillator
26-Apr-13
CTECNA4M VISHAY-CTECNA4M Datasheet
80Kb / 3P
Surface Mount Oscillator
26-Apr-13
More results

Similar Description - CTEC

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
EEL16-K-H-10P-8S FERYSTER-EEL16-K-H-10P-8S Datasheet
42Kb / 1P
CP WIRE
EF20-KV-6P-DS FERYSTER-EF20-KV-6P-DS Datasheet
114Kb / 1P
CP WIRE
EF20-K-V-6P-SS FERYSTER-EF20-K-V-6P-SS Datasheet
40Kb / 1P
CP WIRE
EF25_7-K-H-9P-SW FERYSTER-EF25_7-K-H-9P-SW Datasheet
89Kb / 1P
CP WIRE
EE13-KV-10P-SS FERYSTER-EE13-KV-10P-SS Datasheet
107Kb / 1P
CP WIRE
EF12.6-KH-6P-SS FERYSTER-EF12.6-KH-6P-SS Datasheet
304Kb / 1P
CP WIRE
EF12.6-KH-6P-SS-FAR FERYSTER-EF12.6-KH-6P-SS-FAR Datasheet
94Kb / 1P
CP WIRE
EF12.6-KH-8P-FAR FERYSTER-EF12.6-KH-8P-FAR Datasheet
104Kb / 1P
CP WIRE
EF16-KH-6P-SS-M FERYSTER-EF16-KH-6P-SS-M Datasheet
100Kb / 1P
CP WIRE
ETD54-K-H-22P-FUAN FERYSTER-ETD54-K-H-22P-FUAN Datasheet
256Kb / 1P
CP WIRE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com