Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48AV-2GHB-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 48AV-2GHB-R
Description  Bargraph Indicators 48 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48AV-2GHB-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  48AV-2GHB-R Datasheet HTML 1Page - M-System Co.,Ltd. 48AV-2GHB-R Datasheet HTML 2Page - M-System Co.,Ltd. 48AV-2GHB-R Datasheet HTML 3Page - M-System Co.,Ltd. 48AV-2GHB-R Datasheet HTML 4Page - M-System Co.,Ltd. 48AV-2GHB-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: 48AV
http://www.m-system.co.jp/
48AV SPECIFICATIONS
ES-9312 Rev.18 Page 5/5
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
BEZEL
36 (1.42)
41 (1.61)
135 (5.31)
164 (6.46)
9 (.35)
20 (.79)
1
2
3
4
5
6
7
8
9
10
11
12
36 (1.42)
7.5 (.30)
9.4 (.37)
M3 (.12) SCREW
BEZEL
PANEL CUTOUT unit: mm
L
139.5
+1
–0
164 min.
Note 1. A bezel is required between units for high-density
mounting.
Note 2. Observe at the minimum of 5 cm above
and below the units for heat dissipation.
Note 1. A bezel is required between units for high-density
mounting.
L = (38 x n)
(n: number of units)
L = 38 x (n–1) + 36.5
(n: number of units)
+1
–0
+1
–0
■ VERTICAL MOUNTING
■ HORIZONTAL MOUNTING
Panel thickness: 1.6 – 5.5 mm
Panel thickness: 1.6 – 5.5 mm
139.5
+1
–0
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com