Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

898-1-R220F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 898-1-R220F
Description  Dual-In-Line Thick Film Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

898-1-R220F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  898-1-R220F Datasheet HTML 1Page - List of Unclassifed Manufacturers 898-1-R220F Datasheet HTML 2Page - List of Unclassifed Manufacturers 898-1-R220F Datasheet HTML 3Page - List of Unclassifed Manufacturers 898-1-R220F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4-164
Models 898, 899
89 9 -5- R220 / R330 F
Model Series
Tolerance Code:
F =
±1%
(No code used for standard tolerances.)
R2 Resistance Value:
(Add for -5 circuit only)
Number of Leads:
9 = 14 Leads
8 = 16 Leads
Circuit Type:
3 = Isolated
1 = Bussed
5 = Dual Terminator
Resistance Value
ORDERING INFORMATION
PACKAGING
Standard: Magazines
All Units oriented with lead #1 to the same side.
Magazine:
Material
=
Antistatic Plastic
Capacity
=
25 Units
898-3-R10K
Package Code – # Of Leads
899 = 14 Leads
898 = 16 Leads
Lead #1
Indicator
Resistance Value
Date Code
Optional Locations
Circuit Type: (–1 Bussed)
(–3 Isolated)
(–5 Dual Terminator)
TYPICAL PART MARKING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com