Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

899-1-R220F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 899-1-R220F
Description  Dual-In-Line Thick Film Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

899-1-R220F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  899-1-R220F Datasheet HTML 1Page - List of Unclassifed Manufacturers 899-1-R220F Datasheet HTML 2Page - List of Unclassifed Manufacturers 899-1-R220F Datasheet HTML 3Page - List of Unclassifed Manufacturers 899-1-R220F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
——Resistor (Per Circuit)——
Model
Package -1
-3
-5
898
2.0
.125
.250
.125
899
1.8
.125
.250
.125
POWER DISSIPATION, WATTS AT 70°C
4-162
Models 898, 899
Lead Material
Copper Alloy, 60/40 Tin-Lead (Plating)
Substrate Material
Alumina
Resistor Material
Cermet
APPLICABLE DOCUMENTS
MIL-R-83401 — Resistor Networks, Fixed, Film, General Specifications
MIL-STD-105 — Sampling Procedures and Tables for Inspection by Attributes
MIL-STD-202 — Test Methods for Electronic and Electrical Component Parts
22
390
5.6K
100K
27
470
6.8K
120K
33
510
8.2K
150K
39
560
10K
180K
47
680
12K
200K
51
820
15K
220K
56
1K
18K
270K
68
1.2K
20K
330K
82
1.5K
22K
390K
100
1.8K
27K
470K
120
2K
33K
510K
150
2.2K
39K
560K
180
2.7K
47K
680K
200
3.3K
51K
820K
220
3.9K
56K
1Meg
270
4.7K
68K
330
5.1K
82K
R1/R2
R1/R2
R1/R2
R1/R2
180/390
220/330
330/470
3K/6.2K
220/270
330/390
330/680
-5 Circuit (Dual Terminators)
-3 Circuit (Isolated Resistors) & -1 Circuits (Bussed Resistors)
MECHANICAL
STANDARD RESISTANCE VALUES, OHMS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com