Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48AV-2YH5-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 48AV-2YH5-R
Description  Bargraph Indicators 48 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48AV-2YH5-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  48AV-2YH5-R Datasheet HTML 1Page - M-System Co.,Ltd. 48AV-2YH5-R Datasheet HTML 2Page - M-System Co.,Ltd. 48AV-2YH5-R Datasheet HTML 3Page - M-System Co.,Ltd. 48AV-2YH5-R Datasheet HTML 4Page - M-System Co.,Ltd. 48AV-2YH5-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: 48AV
http://www.m-system.co.jp/
48AV SPECIFICATIONS
ES-9312 Rev.18 Page 1/5
Bargraph Indicators 48 Series
BARGRAPH INDICATING ALARM
Functions & Features
• Displaying a process variable in graphic bargraph of 101
LED segments
• Clear LED
• Providing max. 4 alarm contact outputs
• Relays can be used with 110 V DC power
• Multi-color indicator
100
90
80
70
H
S
H
S
Z
L
L
M
60
50
40
30
20
10
0
%
MODEL: 48AV–[1][2][3][4]-[5]
ORDERING INFORMATION
• Code number: 48AV-[1][2][3][4]-[5]
Specify a code from below for each [1] through [5].
(e.g. 48AV-4RVA-R)
• Special input range (For codes Z & 0)
• Scale (e.g. 0 – 100 %)
• Color pattern for multi-color indicator (e.g. pattern 2)
[1] ALARM OUTPUT
2: 2 points
4: 4 points
[2] BAR LED COLOR
R: Red
Y: Amber
G: Green
C: Multi-color (red, amber and green)
[3] MOUNTING DIRECTION
V: Vertical
H: Horizontal
[4] INPUT
Current
A: 4 – 20 mA DC (Input resistance 10 Ω)
B: 2 – 10 mA DC (Input resistance 20 Ω)
C: 1 – 5 mA DC (Input resistance 39 Ω)
D: 0 – 20 mA DC (Input resistance 10 Ω)
E: 0 – 16 mA DC (Input resistance 12 Ω)
F: 0 – 10 mA DC (Input resistance 20 Ω)
G: 0 – 1 mA DC (Input resistance 200 Ω)
H: 10 – 50 mA DC (Input resistance 5.1 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
3: 0 – 1 V DC (Input resistance 100 kΩ)
4: 0 – 10 V DC (Input resistance 330 kΩ)
5: 0 – 5 V DC (Input resistance 250 kΩ)
6: 1 – 5 V DC (Input resistance 250 kΩ)
0: Specify voltage (See INPUT SPECIFICATIONS)
[5] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 63 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 63 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±15 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Connection: M3 screw terminals (torque 0.6 N·m)
Screw terminal: Chromated brass
Housing material: ABS resin
Isolation: Input to output to power
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Scale plate: Aluminium (white scale & characters on black
base)
Scale
Characters including decimal points: Max. 4 characters
Divisions: 22 – 54.9
Engineering unit: Max. 8 characters
Setpoint adjustment
2 points:
H: [L setpoint + 1 %] to 100 %
L: 0 % to [H setpoint – 1 %]
4 points:
HH: [H setpoint + 1 %] to 100 %
H: [L setpoint + 1 %] to [HH setpoint – 1 %]
L: [LL setpoint + 1 %] to [H setpoint – 1 %]
LL: 0 % to [L setpoint – 1 %]
Alarm deadband (hysteresis): 1 %
Bargraph: 101-segment LED, 100 mm (3.96”) long, 1.5 mm
(.06”) wide


Similar Part No. - 48AV-2YH5-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48AN007 ETC2-48AN007 Datasheet
122Kb / 2P
Nuts
48AN008 ETC2-48AN008 Datasheet
120Kb / 2P
Nut
48AN009 ETC2-48AN009 Datasheet
121Kb / 2P
Nut
logo
Grayhill, Inc
48ASSP1S1M1QAT GRAYHILL-48ASSP1S1M1QAT Datasheet
159Kb / 3P
Slide Switches
48ASSP1S1M1RAT GRAYHILL-48ASSP1S1M1RAT Datasheet
159Kb / 3P
Slide Switches
More results

Similar Description - 48AV-2YH5-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
48SV2 MSYSTEM-48SV2 Datasheet
208Kb / 6P
Bargraph Indicators 48 Series
48V MSYSTEM-48V Datasheet
136Kb / 5P
Bargraph Indicators 48 Series
49AV2 MSYSTEM-49AV2 Datasheet
154Kb / 5P
Bargraph Indicators 49 Series
48NDVD MSYSTEM-48NDVD Datasheet
232Kb / 9P
Bargraph Indicators 48N Series
48NDVA MSYSTEM-48NDVA Datasheet
231Kb / 9P
Bargraph Indicators 48N Series
48NDT MSYSTEM-48NDT Datasheet
239Kb / 11P
Bargraph Indicators 48N Series
48NAVA MSYSTEM-48NAVA Datasheet
223Kb / 9P
Bargraph Indicators 48N Series
48NAT MSYSTEM-48NAT Datasheet
227Kb / 9P
Bargraph Indicators 48N Series
48NAR MSYSTEM-48NAR Datasheet
225Kb / 9P
Bargraph Indicators 48N Series
48NAM MSYSTEM-48NAM Datasheet
221Kb / 9P
Bargraph Indicators 48N Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com