Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG18CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UG18CT
Description  Dual Common Cathode Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG18CT Datasheet(HTML) 2 Page - Vishay Siliconix

  UG18CT Datasheet HTML 1Page - Vishay Siliconix UG18CT Datasheet HTML 2Page - Vishay Siliconix UG18CT Datasheet HTML 3Page - Vishay Siliconix UG18CT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UG18xCT, UGF18xCT, UGB18xCT
www.vishay.com
Vishay General Semiconductor
Revision: 24-Feb-15
2
Document Number: 88759
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL UG18ACT UG18BCT UG18CCT UG18DCT
UNIT
Max. instantaneous forward
voltage per diode (1)
9.0 A
TJ = 100 °C
VF
1.1
V
20 A
1.2
5.0 A
0.95
Max. DC reverse current at
rated DC blocking voltage
per diode
TA = 25 °C
IR
10
μA
TA = 100 °C
300
Max. reverse recovery time
per diode
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
20
ns
Max. reverse recovery time
per diode
IF = 9.0 A, VR = 30 V, 
dI/dt = 50 A/μs,
Irr = 10 % IRM
TJ = 25 °C
trr
30
ns
TJ = 100 °C
50
Max. stored charge per diode
IF = 9.0 A, VR = 30 V, 
dI/dt = 50 A/μs,
Irr = 10 % IRM
TJ = 25 °C
Qrr
20
nC
TJ = 100 °C
45
Typical junction capacitance
per diode
at 4.0 V, 1 MHz
CJ
30
pF
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UG18
UGF18
UGB18
UNIT
Typical thermal resistance from junction to case per diode
RJC
4.0
6.0
4.0
°C/W
ORDERING INFORMATION (EXAMPLE)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
UG18DCT-E3/45
1.85
45
50/tube
Tube
ITO-220AB
UGF18DCT-E3/45
2.00
45
50/tube
Tube
TO-263AB
UGB18DCT-E3/45
1.35
45
50/tube
Tube
TO-263AB
UGB18DCT-E3/81
1.35
81
800/reel
Tape and reel
TO-220AB
UG18DCTHE3/45 (1)
1.85
45
50/tube
Tube
ITO-220AB
UGF18DCTHE3/45 (1)
2.00
45
50/tube
Tube
TO-263AB
UGB18DCTHE3/45 (1)
1.35
45
50/tube
Tube
TO-263AB
UGB18DCTHE3/81 (1)
1.35
81
800/reel
Tape and reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com