Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48SV2-RVEDRR Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 48SV2-RVEDRR
Description  Bargraph Indicators 48 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48SV2-RVEDRR Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  48SV2-RVEDRR Datasheet HTML 1Page - M-System Co.,Ltd. 48SV2-RVEDRR Datasheet HTML 2Page - M-System Co.,Ltd. 48SV2-RVEDRR Datasheet HTML 3Page - M-System Co.,Ltd. 48SV2-RVEDRR Datasheet HTML 4Page - M-System Co.,Ltd. 48SV2-RVEDRR Datasheet HTML 5Page - M-System Co.,Ltd. 48SV2-RVEDRR Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: 48SV2
48SV2 SPECIFICATIONS
ES-9315 Rev.3 Page 4/6
https://www.m-system.co.jp/
• Type 3: 2.0 Scale Span < 2.6
Number of divisions: 32 to 41.9
Scale: Starts at 0, increments in 0.05 / 0.5 / 5 / 50 / 500.
Min. and max. values are indicated.
4 digits including negative sign and decimal point.
Division lines: Long, Short, Medium, Short, Medium,
Short, Medium, Short, Long
(8 divisions repeating)
• Type 5: 5.5 Scale Span < 11.0
Number of divisions: 22 to 43.9
Scale: Starts at 0, increments in 0.01 / 0.1 / 1 / 10 / 100 / 1000.
Min. and max. values are indi-cated.
4 digits including negative sign and decimal point.
Division lines: Long, Medium, Medium, Medium, Long
(5 divisions repeating)
• Type 4: 2.6 Scale Span < 5.5
Number of divisions: 26 to 43.9
Scale: Starts at 0, increments in 0.05 / 0.5 / 5 / 50 / 500.
Min. and max. values are indicated.
4 digits including negative sign and decimal point.
Division lines: Long, Medium, Medium, Medium, Long
(4 divisions repeating)
Minimum
Divisions
Maximum
Divisions
Bipolar
Scale
Minimum
Divisions
Maximum
Divisions
Bipolar
Scale
Minimum
Divisions
Maximum
Divisions
Bipolar
Scale
[Example] : Bargraph range 0 to 300 cm (Type 4)
Scale range: 0 – 300
Scale unit (bargraph): cm
120
100
50
0
-50
-100
-120
0
0.5
1
1.5
2
2.59
0
5
10
15
20
0
0.5
0.4
0.3
0.2
0.1
-0.1
-0.2
-0.3
-0.4
-0.5
0
100
200
300
400
500
550
0
1
2
3
4
5
6
7
8
9
10
10.9
250
200
150
100
50
0
-50
-100
-150
-200
-250
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.49
0
50
100
150
200
260
300
250
200
150
100
50
0
cm
OR
ZERO
SPAN
DOWN
UP
A1234
EXTERNAL VIEW
Span adj. Indicator LED
Adjustment button
Adjustment button
Zero adj. Indicator LED
Span adj. Indicator LED
■VERTICAL MOUNTING
■HORIZONTAL MOUNTING
100
OR
80
60
40
20
0
%
ZERO
SPAN
DOWN
UP
A1234
100
OR
80
60
40
20
0
%
ZERO
SPAN
DOWN
UP
A1234



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com