Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG18DCTHE3/45 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UG18DCTHE3/45
Description  Dual Common Cathode Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG18DCTHE3/45 Datasheet(HTML) 1 Page - Vishay Siliconix

  UG18DCTHE3/45 Datasheet HTML 1Page - Vishay Siliconix UG18DCTHE3/45 Datasheet HTML 2Page - Vishay Siliconix UG18DCTHE3/45 Datasheet HTML 3Page - Vishay Siliconix UG18DCTHE3/45 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UG18xCT, UGF18xCT, UGB18xCT
www.vishay.com
Vishay General Semiconductor
Revision: 24-Feb-15
1
Document Number: 88759
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual Common Cathode Ultrafast Plastic Rectifier
FEATURES
• Power pack
• Glass passivated pallet chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
245 °C (for TO-263AB package)
• Solder dip 275 °C max., 10 s per JESD 22-B106
(for TO-220AB and ITO-220AB package)
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode power
supplies, inverters, freewheeling diodes, DC/DC converters,
and other power switching application.
MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-263AB
Molding compound meets UL 94V-0 flammability rating
Base
P/N-E3
-
RoHS-compliant,
commercial
grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
18 A
VRRM
50 V to 200 V
IFSM
175 A
trr
20 ns
VF at IF
0.95 V
TJ max.
150 °C
Package
TO-220AB, ITO-220AB,
TO-263AB
Diode variations
Common cathode
CASE
PIN 2
PIN 1
PIN 3
TO-220AB
UG18xCT Series
ITO-220AB
UGF18xCT Series
UGB18xCT Series
PIN 1
PIN 2
K
HEATSINK
1
2
3
1
2
K
PIN 2
PIN 1
PIN 3
TO-263AB
1
2
3
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UG18ACT
UG18BCT
UG18CCT
UG18DCT
UNIT
Max. repetitive peak reverse voltage
VRRM
50
100
150
200
V
Max. RMS voltage
VRMS
35
70
105
140
V
Max. DC blocking voltage
VDC
50
100
150
200
V
Max. average forward rectified current at TC = 105 °C
IF(AV)
18
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
175
A
Operating junction and storage temperature range
TJ, TSTG
-65 to +150
°C
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - UG18DCTHE3/45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG18DCTHE3/45 VISHAY-UG18DCTHE3/45 Datasheet
157Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
09-Nov-07
More results

Similar Description - UG18DCTHE3/45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U30BCT VISHAY-U30BCT Datasheet
152Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
27-Aug-08
UG8JCT VISHAY-UG8JCT_07 Datasheet
158Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
09-Nov-07
UG18ACT VISHAY-UG18ACT Datasheet
157Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
09-Nov-07
UB20BCT-E3 VISHAY-UB20BCT-E3 Datasheet
145Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
30-Oct-13
FEP16XT VISHAY-FEP16XT Datasheet
152Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
23-Feb-16
U20XCT-E3 VISHAY-U20XCT-E3 Datasheet
150Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
30-Oct-13
U30XCT-E3 VISHAY-U30XCT-E3 Datasheet
146Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
30-Oct-13
UG18XCT VISHAY-UG18XCT Datasheet
153Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
24-Feb-16
UG30APT-E3 VISHAY-UG30APT-E3_V01 Datasheet
88Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
27-May-2020
GI2401 VISHAY-GI2401_V01 Datasheet
131Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
15-Nov-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com