Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBUS052CD-FAH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VBUS052CD-FAH
Description  2-Line BUS-Port ESD Protection - Flow Through Design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS052CD-FAH Datasheet(HTML) 2 Page - Vishay Siliconix

  VBUS052CD-FAH Datasheet HTML 1Page - Vishay Siliconix VBUS052CD-FAH Datasheet HTML 2Page - Vishay Siliconix VBUS052CD-FAH Datasheet HTML 3Page - Vishay Siliconix VBUS052CD-FAH Datasheet HTML 4Page - Vishay Siliconix VBUS052CD-FAH Datasheet HTML 5Page - Vishay Siliconix VBUS052CD-FAH Datasheet HTML 6Page - Vishay Siliconix VBUS052CD-FAH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VBUS052CD-FAH
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 14-Oct-2019
2
Document Number: 81881
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION NOTE
The VBUS052CD-FAH is a two-line ESD protection device with the characteristic of a Z-diode with a high ESD immunity and a
very low capacitance which makes it usable for high frequency applications like USB2.0 or HDMI.
With the VBUS052CD-FAH two high speed data lines can be protected against transient voltage signals like ESD (electro static
discharge). Connected to the data line (pin 1 and pin 2) and to ground (pin 3) negative transients will be clamped close below
the ground level while positive transients will be clamped close above the 5 V working range. The clamping behavior of the
VBUS052CD-FAH is bidirectional but asymmetrical (BiAs) and so it offers the best protection for applications running up to 5 V.
Pin configuration:
• Pin 3, 4 and 7 are internally shorted and have to be connected to ground
• Pin 1 and 2 are the inputs for the data lines D+ and D-
• Pin 5 and 6 are not connected internally
FLOW THROUGH DESIGN
Modern digital transmission lines can be clocked up to 480 Mbit/s (USB2.0) or 1.65 Gbit/s (HDMI).
At such high data rates the transmission lines like cables or the line traces on the PCBs have to be very homogeneous regarding
their surge impedance. This requires well defined trace dimensions as trace width and distance which have to be calculated
depending on the requested surge impedance (e.g. 50
) and the PCB material and layer dimensions. Any device connected
to the data lines - like ESD protection devices - have to be connected with minimal changes in these trace dimensions and
distances.
With the package in the so called “Flow Through Design” this is possible. The lines are running straight along the PCB while the
VBUS052CD-FAH is placed on top without any vias or loops.
ELECTRICAL CHARACTERISTICS VBUS052CD-FAH (pin 1 or 2 to pin 3, 4 or 7)
(Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of line which can be protected
Nchannel
-
-
2
lines
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
5
V
Reverse voltage
at IR = 0.1 μA
VR
5-
-
V
Reverse current
at VRWM = 5 V
IR
-
< 0.01
0.1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
6.9
7.9
8.7
V
Reverse clamping voltage
at IPP = 1 A
VC
-10
12
V
at IPP = IPPM = 3.5 A
VC
-15
18
V
Forward clamping voltage
at IF = 1 A
VF
-1.9
2.4
V
at IPP = IPPM = 3.5 A
VF
-4
5
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-0.8
1
pF
21325
7
654
123
GND
NC
NC
GND
D +
D -
21327
123
6
5
4
7
GND
D +
D -
I/O port connector
USB/HDMI interface
D +
D -



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com