Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBUS053CZ-HAF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VBUS053CZ-HAF
Description  USB-OTG BUS-Port ESD Protection for VBUS = 28 V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS053CZ-HAF Datasheet(HTML) 2 Page - Vishay Siliconix

  VBUS053CZ-HAF Datasheet HTML 1Page - Vishay Siliconix VBUS053CZ-HAF Datasheet HTML 2Page - Vishay Siliconix VBUS053CZ-HAF Datasheet HTML 3Page - Vishay Siliconix VBUS053CZ-HAF Datasheet HTML 4Page - Vishay Siliconix VBUS053CZ-HAF Datasheet HTML 5Page - Vishay Siliconix VBUS053CZ-HAF Datasheet HTML 6Page - Vishay Siliconix VBUS053CZ-HAF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VBUS053CZ-HAF
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 08-Jan-2019
2
Document Number: 85200
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Ratings at 25 °C ambient temperature, unless otherwise specified
Note
• Ratings at 25 °C ambient temperature, unless otherwise specified
APPLICATION NOTE
The VBUS053CZ-HAF is intended as an ESD protection and transient voltage suppressor for one USB-OTG port.
The LLP75-7L package contains two separate dies which are mounted on a common ground plane (pin 7).
The high-speed data lines D-, D+ and ID, are connected to any of the pins no. 1 to 3. As long as the signal voltage on the data
lines is between the ground- and the 5 V working range, the low capacitance PN-diodes offer a very high isolation to ground
and to the other data lines. But as soon as any transient signal like an ESD signal, exceeds this working range of 5 V in either
the positive or negative direction, one of the PN-diodes gets into the forward mode and clamps the transient either to ground
or to the avalanche break through level. An extra avalanche diode (separate die) clamps the supply line voltage (VBUS at pin 6)
above the 28 V working range to ground (pin 7). Due to the “two die construction” the VBUS line has a very high isolation to the
data lines. In case of a destructive transient signal, i.e. coming from a charger, the data lines will not be influenced.
Remark:
The input pins no. 1, 2 and 3 are symmetrical. Each of the data signals D-, D+ and ID can be connected to pin 1, 2 or 3
ELECTRICAL CHARACTERISTICS VBUS053CZ-HAF All inputs (pin 1, 2, and 3) to ground (pin 7)
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of line which can be protected
Nchannel
-
-
3
lines
Reverse working voltage
Reverse stand-off voltage
VRWM
--
5.5
V
Reverse voltage
at IR = 0.1 μA
VR
5.5
-
-
V
Reverse current
at VR = 3.3 V
IR
-
-
0.02
μA
at VR = 3.3 V; T = 65 °C
IR
-
-
0.085
μA
at VR = VRWM = 5.5 V
IR
--
0.1
μA
Forward voltage
at IF = 15 mA
VF
0.7
-
1.2
V
Reverse breakdown voltage
at IR = 1 mA
VBR
6.5
-
10
V
Reverse clamping voltage
at IPP = 1 A; acc. IEC 61000-4-5
VC
-10
12
V
at IPP = 3 A; acc. IEC 61000-4-5
VC
-15
18
V
Forward clamping voltage
at IF = 3 A; acc. IEC 61000-4-5
VF
-3.4
4.1
V
Line capacitance
Test pin at VR = 0 V;
any other I/O pin at VR = 3.3 V; f = 1 MHz
CD
-0.7
1
pF
Line to line capacitance
Among pins 1, 2 and 3
at VR = 0 V; f = 1 MHz
CD
-
0.35
0.5
pF
Line symmetry
Difference of the line capacitance
dCD
--
0.1
pF
ELECTRICAL CHARACTERISTICS VBUS (pin 6) to ground (pin 7)
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of line which can be protected
Nchannel
-
-
1
lines
Reverse working voltage
Reverse stand-off voltage
VRWM
--
28
V
Reverse voltage
at IR = 0.1 μA
VR
28
-
-
V
Reverse current
at VR = VRWM = 28 V
IR
-
-
100
nA
Forward voltage
at IF = 10 mA
VF
0.60.750.9
V
Reverse breakdown voltage
at IR = 1 mA
VBR
32
-
40
V
Reverse clamping voltage
at IPP = 1 A; acc. IEC 61000-4-5; T = 25 °C
VC
-37
45
V
at IPP = 3 A; acc. IEC 61000-4-5; T = 25 °C
VC
-42
52
V
Forward clamping voltage
at IF = 3 A; acc. IEC 61000-4-5
VF
--
2.2
V
Line capacitance
at VR = 0 V; f = 1 MHz
CD
-31
40
pF
3
6
54
7
1
2
6
5
7
1
2
4
3
nc.
nc.
D-
D+
ID
GND
V
BUS
21103
(pinning top view)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com