Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC109 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BC109
Description  isc General Purpose NPN Small Signal Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BC109 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BC109 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BC109 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
1
isc General Purpose NPN Small Signal Transistor
BC109
DESCRIPTION
·
With TO-18 package.
·
High DC Current Gain-
: hFE:200-800@ (VCE= 5V, IC= 2mA)
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed For Low Noise General Purpose Amplifiers,
Driver Stages and Signal Processing Applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-a
Thermal Resistance, Junction to Ambient
500
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current-Continuous
100mA
A
PT
Total Power Dissipation @TA=25℃
300
mW
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature
-55~175
℃


Similar Part No. - BC109

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109 PHILIPS-BC109 Datasheet
49Kb / 8P
NPN general purpose transistors
1997 Sep 03
logo
Seme LAB
BC109 SEME-LAB-BC109 Datasheet
14Kb / 2P
GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Siemens Semiconductor G...
BC109 SIEMENS-BC109 Datasheet
263Kb / 8P
npn sisicon transistor
logo
NXP Semiconductors
BC109 PHILIPS-BC109 Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
logo
Micro Electronics
BC109 MICRO-ELECTRONICS-BC109 Datasheet
228Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC109

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BC107 SEME-LAB-BC107 Datasheet
14Kb / 2P
GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Fairchild Semiconductor
2N718A FAIRCHILD-2N718A Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
MPS2924 FAIRCHILD-MPS2924 Datasheet
41Kb / 1P
NPN Small Signal General Purpose Amplifier
MPS3392 FAIRCHILD-MPS3392 Datasheet
661Kb / 16P
NPN Small Signal General Purpose Amplifiers
PN5135 FAIRCHILD-PN5135 Datasheet
320Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
TAITRON Components Inco...
2N4400 TAITRON-2N4400 Datasheet
218Kb / 4P
Small Signal General Purpose Transistors (NPN)
logo
New Jersey Semi-Conduct...
2N3567 NJSEMI-2N3567 Datasheet
143Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIERS
2N3691 NJSEMI-2N3691 Datasheet
129Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER
2N3700 NJSEMI-2N3700 Datasheet
130Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIERS
BC107 NJSEMI-BC107 Datasheet
92Kb / 2P
GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com