Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEAC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # AEAC
Description  Limit Alarms (with DC output) AE-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AEAC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  AEAC Datasheet HTML 1Page - M-System Co.,Ltd. AEAC Datasheet HTML 2Page - M-System Co.,Ltd. AEAC Datasheet HTML 3Page - M-System Co.,Ltd. AEAC Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: AEAC
AEAC SPECIFICATIONS
ES-0136 Rev.4 Page 1/4
http://www.m-system.co.jp/
Limit Alarms (with DC output) AE-UNIT
AC ALARM
Functions & Features
• Providing SPDT relay outputs at preset AC current/voltage
levels
• Dual (Hi/Lo) trip
• Additional isolated DC output proportional to the input
• True RMS sensing
• Energized or de-energized coil at a tripped condition
selectable
• Thumbwheel switch adjustments
• Relays can be powered 110 V DC
4
4
1
6
6
1
72
(2.83)
132
(5.20)
80
(3.15)
mm (inch)
MODEL: AEAC–[1][2][3][4][5][6]–[7][8]
ORDERING INFORMATION
• Code number: AEAC-[1][2][3][4][5][6]-[7][8]
Specify a code from below for each [1] through [8].
(e.g. AEAC-A6A2101-D/Q)
• Special input and DC output ranges
(For codes AZ, A8, Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
AA: 0 – 10 mA AC (Input resistance 100 Ω)
AB: 0 – 50 mA AC (Input resistance 20 Ω)
AC: 0 – 100 mA AC (Input resistance 10 Ω)
AD: 0 – 500 mA AC (Input resistance 1 Ω)
AZ: Specify current (See INPUT SPECIFICATIONS)
(0 % input must be 0 mA.)
Voltage
A1: 0 – 100 mV AC (Input resistance 100 kΩ min.)
A2: 0 – 500 mV AC (Input resistance 100 kΩ min.)
A3: 0 – 1 V AC (Input resistance 100 kΩ min.)
A4: 0 – 5 V AC (Input resistance 100 kΩ min.)
A5: 0 – 10 V AC (Input resistance 100 kΩ min.)
A6: 0 – 120 V AC (Input resistance 100 kΩ min.)
A7: 0 – 150 V AC (Input resistance 100 kΩ min.)
A8: Specify voltage (See INPUT SPECIFICATIONS)
(0 % input must be 0 V.)
[2] DC OUTPUT
N: None
Current
A: 4 – 20 mA DC (Load resistance 350 Ω max.)
B: 2 – 10 mA DC (Load resistance 700 Ω max.)
C: 1 – 5 mA DC (Load resistance 1400 Ω max.)
D: 0 – 20 mA DC (Load resistance 350 Ω max.)
E: 0 – 16 mA DC (Load resistance 430 Ω max.)
F: 0 – 10 mA DC (Load resistance 700 Ω max.)
G: 0 – 1 mA DC (Load resistance 7000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] SETPOINT 1 OUTPUT
1: Hi (coil energized at alarm)
2: Hi (coil de-energized at alarm)
3: Lo (coil energized at alarm)
4: Lo (coil de-energized at alarm)
[4] SETPOINT 2 OUTPUT
1: Hi (coil energized at alarm)
2: Hi (coil de-energized at alarm)
3: Lo (coil energized at alarm)
4: Lo (coil de-energized at alarm)
[5] ON DELAY TIME
0: 0.5 seconds
1: 1 second
2: 2 seconds
3: 3 seconds
4: 4 seconds
[6] POWER ON DELAY TIME
1: 1 second
2: 2 seconds
3: 3 seconds
4: 4 seconds
5: 5 seconds


Similar Part No. - AEAC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AEACAC198013-S698 ABRACON-AEACAC198013-S698 Datasheet
1Mb / 4P
4G/LTE External Antenna
04.10.2020
More results

Similar Description - AEAC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AEAD MSYSTEM-AEAD Datasheet
149Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AECT MSYSTEM-AECT Datasheet
163Kb / 5P
Limit Alarms (with DC output) AE-UNIT
AEDN MSYSTEM-AEDN Datasheet
153Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AEDY MSYSTEM-AEDY Datasheet
153Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AEM MSYSTEM-AEM Datasheet
147Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AEPT MSYSTEM-AEPT Datasheet
149Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AER MSYSTEM-AER Datasheet
150Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AET MSYSTEM-AET Datasheet
162Kb / 5P
Limit Alarms (with DC output) AE-UNIT
AETG MSYSTEM-AETG Datasheet
149Kb / 4P
Limit Alarms (with DC output) AE-UNIT
AEV MSYSTEM-AEV Datasheet
163Kb / 5P
Limit Alarms (with DC output) AE-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com