Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMPCP2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # AMPCP2
Description  FIBER OPTICS CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AMPCP2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  AMPCP2 Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL: AMPCP2
AMPCP2 SPECIFICATIONS
ES-9653 Rev.1 Page 1/1
http://www.m-system.co.jp/
FIBER OPTICS CABLE
(for use with OT2/OR2, OTT2/OTR2)
Functions & Features
• Fiber optics cable assembly for use with the OT2/OR2 and
the OTT2/OTR2
MODEL: AMPCP2–[1]
ORDERING INFORMATION
• Code number: AMPCP2-[1]
Specify a code from below for [1].
(e.g. AMPCP2-30M)
[1] CABLE LENGTH
10M: Cable with connectors at both ends, 10 m (32.8 ft.)
20M: Cable with connectors at both ends, 20 m (65.6 ft.)
30M: Cable with connectors at both ends, 30 m (98.4 ft.)
RELATED PRODUCTS
• Optical transmitter (model: OT2)
• Optical receiver (model: OR2)
• Thermocouple transmitter (model: OTT2)
• Thermocouple receiver (model: OTR2)
GENERAL SPECIFICATIONS
Optical cable: Mitsubishi Chemical Super Eska SH 4001
• Minimum bend radius: 25 mm
• Tension strength: ≤ 70 N
Connector: Broadcom HFBR-4532Z
EXTERNAL DIMENSIONS unit: mm (inch)
CABLE LENGTH
27.2 (1.07)
SIMPLES LATCHING CRIMPLESS CONNECTOR
CABLE
+40 (1.57)
–0
Specifications are subject to change without notice.


Similar Part No. - AMPCP2

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AMPC20 ALLIED-AMPC20 Datasheet
743Kb / 1P
Axial Molded Power Chokes
AMPC20-100K-RC ALLIED-AMPC20-100K-RC Datasheet
745Kb / 1P
Axial Molded Power Chokes
AMPC20-100K-RC ALLIED-AMPC20-100K-RC Datasheet
743Kb / 1P
Axial Molded Power Chokes
AMPC20-101K-RC ALLIED-AMPC20-101K-RC Datasheet
745Kb / 1P
Axial Molded Power Chokes
AMPC20-101K-RC ALLIED-AMPC20-101K-RC Datasheet
743Kb / 1P
Axial Molded Power Chokes
More results

Similar Description - AMPCP2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT108L-UR3 MARKTECH-MT108L-UR3 Datasheet
103Kb / 2P
Fiber Optics
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
Fiber Optics
MT108SL-UR3 MARKTECH-MT108SL-UR3 Datasheet
110Kb / 2P
Fiber Optics
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
Fiber Optics
logo
Raltron Electronics Cor...
CO-CE7850A-LZ-FREQ-EL RALTRON-CO-CE7850A-LZ-FREQ-EL Datasheet
21Kb / 1P
FIBER OPTICS - CLOCK
CO-CE8850A-LZ-FREQ-FR5-C RALTRON-CO-CE8850A-LZ-FREQ-FR5-C Datasheet
25Kb / 1P
FIBER OPTICS - CLOCK
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
Fiber Optics
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-775BZ AVAGO-AFBR-775BZ Datasheet
978Kb / 48P
Pluggable, Parallel-Fiber-Optics
AFBR-79EAPZ AVAGO-AFBR-79EAPZ Datasheet
245Kb / 2P
Parallel Fiber-Optics Module
AFBR-79EQDZ AVAGO-AFBR-79EQDZ_15 Datasheet
653Kb / 19P
Parallel Fiber-Optics Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com