Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM62311DM Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # ARM62311DM
Description  Vehicular Multiband Antenna with Direct Mount
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ARM62311DM Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  ARM62311DM Datasheet HTML 1Page - Pulse A Technitrol Company ARM62311DM Datasheet HTML 2Page - Pulse A Technitrol Company ARM62311DM Datasheet HTML 3Page - Pulse A Technitrol Company ARM62311DM Datasheet HTML 4Page - Pulse A Technitrol Company ARM62311DM Datasheet HTML 5Page - Pulse A Technitrol Company ARM62311DM Datasheet HTML 6Page - Pulse A Technitrol Company ARM62311DM Datasheet HTML 7Page - Pulse A Technitrol Company ARM62311DM Datasheet HTML 8Page - Pulse A Technitrol Company ARM62311DM Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Description: Vehicular Multiband Antenna with
Direct Mount
PART NUMBER: ARMXXXXXDM
Series: ARMADILLO
Issue: 2034
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
For more information:
Pulse Worldwide Headquarters
Pulse/Larsen Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
15255 Innovation Drive #100
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg,4th Phase
San Diego, CA 92128
Vancouver, WA 98683
Zeppelinstrasse 15
Suzhou New District
USA
USA
Herrenberg, Germany
Jiangsu Province, Suzhou 215009 PR China
Tel:1-858-674-8100
Tel: 1-360-944-7551
-
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
18110 SE 34th St Bldg 2 Suite 250
This document covers all product variants of the following product family
Product
Total Cable Leads
LTE Cable Leads
WiFi Cable Leads
GPS Cable Leads
Housing
Color
Cable
Length
Mounting
ARM62311DM
6
2 (with SMA Male)
3 (with RP-SMA Male)
1 (with SMA Male)
Black
17 FT
or
5181mm
1. Direct Mount;
7/8" Hole Required
2. Mounting Surface
thickness < 0.25"
ARM62312DM
6
2 (with SMA Male)
3 (with RP-SMA Male)
1 (with SMA Male)
White
ARM52211DM
5
2 (with SMA Male)
2 (with RP-SMA Male)
1 (with SMA Male)
Black
ARM52212DM
5
2 (with SMA Male)
2 (with RP-SMA Male)
1 (with SMA Male)
White
ARM42111DM
4
2 (with SMA Male)
1 (with RP-SMA Male)
1 (with SMA Male)
Black
ARM42112DM
4
2 (with SMA Male)
1 (with RP-SMA Male)
1 (with SMA Male)
White
ARM32011DM
3
2 (with SMA Male)
0
1 (with SMA Male)
Black
ARM32012DM
3
2 (with SMA Male)
0
1 (with SMA Male)
White
ARM21011DM
2
1 (with SMA Male)
0
1 (with SMA Male)
Black
ARM21012DM
2
1 (with SMA Male)
0
1 (with SMA Male)
White
ARM21011DMTT
2
1 (with TNC Male)
0
1 (with TNC Male)
Black
ARM22001DM
2
2 (with SMA Male)
0
0
Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com