Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM52211DM Datasheet(PDF) 11 Page - Pulse A Technitrol Company

Part # ARM52211DM
Description  Vehicular Multiband Antenna with Direct Mount
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ARM52211DM Datasheet(HTML) 11 Page - Pulse A Technitrol Company

Back Button ARM52211DM Datasheet HTML 7Page - Pulse A Technitrol Company ARM52211DM Datasheet HTML 8Page - Pulse A Technitrol Company ARM52211DM Datasheet HTML 9Page - Pulse A Technitrol Company ARM52211DM Datasheet HTML 10Page - Pulse A Technitrol Company ARM52211DM Datasheet HTML 11Page - Pulse A Technitrol Company ARM52211DM Datasheet HTML 12Page - Pulse A Technitrol Company ARM52211DM Datasheet HTML 13Page - Pulse A Technitrol Company ARM52211DM Datasheet HTML 14Page - Pulse A Technitrol Company ARM52211DM Datasheet HTML 15Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Issue: 2034
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: Vehicular Multiband Antenna with
Direct Mount
PART NUMBER: ARMXXXXXDM
Series: ARMADILLO
CHARTS
11
Radiation Efficiency (LTE)
Peak Gain (LTE)
Note : Antenna tested with 1ft(304.8mm) cable on 500mm (dia) ground plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com