Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM32011AM Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # ARM32011AM
Description  Vehicular Multiband Antenna with Adhesive Mount
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ARM32011AM Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  ARM32011AM Datasheet HTML 1Page - Pulse A Technitrol Company ARM32011AM Datasheet HTML 2Page - Pulse A Technitrol Company ARM32011AM Datasheet HTML 3Page - Pulse A Technitrol Company ARM32011AM Datasheet HTML 4Page - Pulse A Technitrol Company ARM32011AM Datasheet HTML 5Page - Pulse A Technitrol Company ARM32011AM Datasheet HTML 6Page - Pulse A Technitrol Company ARM32011AM Datasheet HTML 7Page - Pulse A Technitrol Company ARM32011AM Datasheet HTML 8Page - Pulse A Technitrol Company ARM32011AM Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Description: Vehicular Multiband Antenna with
Adhesive Mount
PART NUMBER: ARMXXXXXAM
Series: ARMADILLO
Issue: 1901
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
For more information:
Pulse Worldwide Headquarters
Pulse/Larsen Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
15255 Innovation Drive #100
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg,4th Phase
San Diego, CA 92128
Vancouver, WA 98683
Zeppelinstrasse 15
Suzhou New District
USA
USA
Herrenberg, Germany
Jiangsu Province, Suzhou 215009 PR China
Tel:1-858-674-8100
Tel: 1-360-944-7551
-
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
18110 SE 34th St Bldg 2 Suite 250
Features:
Applications:
1
• Low profile, only 1.8” tall
• Up to 6-lead Configuration
• LTE(2x) MIMO
• WiFi(3x) MIMO-|2.4/5.x GHz
• GPS/GNSS (1x)
• Frequency of Operation:
• 698-960MHz,1710-2690MHz
• 2400-2500MHz,5150-5925MHz
• 1559-1606MHz
• Telematics, Navigation
• First Responders(Police,
Fire, Ambulance/EMS)
• Energy, Utility, Construction
• Fleet Management
• DSRC(Dedicated Short
Range Communications)
• Available Configurations:
• Black, White
• Direct, Magnetic, Adhes.Mount


Similar Part No. - ARM32011AM

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
ARM32011DM PULSE-ARM32011DM Datasheet
4Mb / 26P
Vehicular Multiband Antenna with Direct Mount
More results

Similar Description - ARM32011AM

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ANVRC-103 HARRIS-ANVRC-103 Datasheet
1Mb / 2P
MULTIBAND, MULTIMISSION VEHICULAR RADIO SYSTEM
RF-390 HARRIS-RF-390 Datasheet
371Kb / 2P
MULTIBAND VEHICULAR ANTENNA SERIES
RF-3183-AT0XX HARRIS-RF-3183-AT0XX Datasheet
260Kb / 2P
MULTIBAND VEHICULAR ANTENNA SERIES
logo
Taoglas antenna solutio...
MA208.A.AB.007 TAOGLAS-MA208.A.AB.007 Datasheet
1Mb / 20P
Adhesive Mount IP67 Antenna
MA209.A.LB.001 TAOGLAS-MA209.A.LB.001 Datasheet
3Mb / 22P
Adhesive Mount IP67 Antenna
logo
Pulse A Technitrol Comp...
GPSLPMB403 PULSE-GPSLPMB403 Datasheet
3Mb / 41P
2xLTE, WIFI, GNSS MULTIBAND VEHICULAR ANTENNA
logo
Harris Corporation
RF-7850M-V511 HARRIS-RF-7850M-V511 Datasheet
166Kb / 2P
MULTIBAND NETWORKING VEHICULAR RADIO
logo
Pulse A Technitrol Comp...
ARMXXXXXDM PULSE-ARMXXXXXDM Datasheet
4Mb / 26P
Vehicular Multiband Antenna with Direct Mount
ARMXXXXXMM PULSE-ARMXXXXXMM Datasheet
3Mb / 25P
: Vehicular Multiband Antenna with Magnetic Mount
GPSLPMB401 PULSE-GPSLPMB401 Datasheet
2Mb / 39P
: 2xLTE, WiFi , GNSS Multiband Vehicular Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com