Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM32011DM Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # ARM32011DM
Description  Vehicular Multiband Antenna with Direct Mount
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ARM32011DM Datasheet(HTML) 6 Page - Pulse A Technitrol Company

Back Button ARM32011DM Datasheet HTML 2Page - Pulse A Technitrol Company ARM32011DM Datasheet HTML 3Page - Pulse A Technitrol Company ARM32011DM Datasheet HTML 4Page - Pulse A Technitrol Company ARM32011DM Datasheet HTML 5Page - Pulse A Technitrol Company ARM32011DM Datasheet HTML 6Page - Pulse A Technitrol Company ARM32011DM Datasheet HTML 7Page - Pulse A Technitrol Company ARM32011DM Datasheet HTML 8Page - Pulse A Technitrol Company ARM32011DM Datasheet HTML 9Page - Pulse A Technitrol Company ARM32011DM Datasheet HTML 10Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Issue: 2034
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: Vehicular Multiband Antenna with
Direct Mount
PART NUMBER: ARMXXXXXDM
Series: ARMADILLO
6
Operating Temperature
-40 ~ +85°C
Storage Temperature
-40 ~ +85°C
Ingress Protection
IP67
RoHS Compliant
Yes
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
Overall Length
202.3mm X 88.5mm X 45mm
Weight
1.15 Kg
Antenna Color / Material
Black or White
Connector type
Refer to Page 2
Cable type
Refer to Page 2
Cable length
Refer to Page 2
Total cable assembly loss for 5.2m (17’) LMR-195 @850MHz
2.1dB
Total cable assembly loss for 5.2m (17’) LMR-100 @1575MHz
5.9dB
Total cable assembly loss for 5.2m (17’) LMR-195 @1930MHz
3.2dB
Total cable assembly loss for 5.2m (17’) LMR-195 @2450MHz
3.6dB
Total cable assembly loss for 5.2m (17’) LMR-195 @2500MHz
3.7dB
Total cable assembly loss for 5.2m (17’) LMR-195 @5350MHz
5.5dB
OTHER SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com