Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM32012AM Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # ARM32012AM
Description  Vehicular Multiband Antenna with Adhesive Mount
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ARM32012AM Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  ARM32012AM Datasheet HTML 1Page - Pulse A Technitrol Company ARM32012AM Datasheet HTML 2Page - Pulse A Technitrol Company ARM32012AM Datasheet HTML 3Page - Pulse A Technitrol Company ARM32012AM Datasheet HTML 4Page - Pulse A Technitrol Company ARM32012AM Datasheet HTML 5Page - Pulse A Technitrol Company ARM32012AM Datasheet HTML 6Page - Pulse A Technitrol Company ARM32012AM Datasheet HTML 7Page - Pulse A Technitrol Company ARM32012AM Datasheet HTML 8Page - Pulse A Technitrol Company ARM32012AM Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Issue: 1901
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Series: ARMADILLO
Description: Vehicular Multiband Antenna with
Adhesive Mount
PART NUMBER: ARMXXXXXAM
3
Frequency
698-960MHz, 1710-2690MHz
2400-2500MHz, 5150-5925MHz
Nominal Impedance
50
VSWR*
698-960MHz
<2.5
1710-2690MHz
<2.5
2400-2500MHz
<2
5150-5925MHz
<2
Isolation*
698-960MHz, 1710-2690MHz
-8dB
2400-2500MHz, 5150-5925MHz
-12dB
Average Peak Gain**
698-960MHz;
4.6dBi
1710-2690MHz
5.1dBi
2400-2500MHz
4.9dBi
5150-5925MHz
7.9dBi
Polarization
Vertical
*Test on 500mm ground plane with 17ft(5.2m) LMR195 cable
**Test on 500mm ground plane with 1ft(304.8) LMR195 cable
ELECTRICAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com