Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR36685 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LR36685
Description  1/1.8-type Interline Color CCD Area Sensor with 3 370 k Pixels
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR36685 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LR36685 Datasheet HTML 2Page - Sharp Corporation LR36685 Datasheet HTML 3Page - Sharp Corporation LR36685 Datasheet HTML 4Page - Sharp Corporation LR36685 Datasheet HTML 5Page - Sharp Corporation LR36685 Datasheet HTML 6Page - Sharp Corporation LR36685 Datasheet HTML 7Page - Sharp Corporation LR36685 Datasheet HTML 8Page - Sharp Corporation LR36685 Datasheet HTML 9Page - Sharp Corporation LR36685 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
RJ21P3AA0PT
6
TIMING CHART
NOTES :
1.Do not use these signals immediately after field accumulation mode is transferred to frame
accumulation mode for still image capturing.
2.Do not use these signals immediately after frame accumulation mode is transferred to field
accumulation mode for monitoring image.
* Start the exposure period after 10 ms later that OFDC is high, and finish before change swept
transfer.
* Apply at least an OFD shutter pulse to OFD in each field accumulation mode.
;
;
;
;
;
;
;
;
;
;
;
;
;
;
ØV3A
ØV2
ØV1B
ØV1A
VD
TIMING CHART EXAMPLE
OS
OFDC
ØOFD
ØV4
ØV3B
227.5
227.5
227.5
848
227.5
1
Pulse diagram in more detail is shown in the figure q to r after next page.
Field accumulation mode
At first frame
accumulation mode
Frame accumulation
mode
At first field
accumulation mode
Field accumulation mode
qw
e
r
q
q'
qq'
455 1
455 1
455 1
455 1
q
'
(Number of
vertical line)
(at OFD shutter operation)
(1, 3, 5, 7, 9...)
(2, 4, 6, 8, 10...)
(5, 12, 19...)
Not for use
(NOTE 2)
(5, 12, 19..)
(5, 12, 19..)
(5, 12, 19..)
Frame accumulation mode
Field accumulation mode
Not for use
(NOTE 1)
Not for use
(NOTE 1)
Field accumulation
mode
848 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com