Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPX-4DA Datasheet(PDF) 1 Page - Festo Corporation.

Part # CPX-4DA
Description  Output module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CPX-4DA Datasheet(HTML) 1 Page - Festo Corporation.

  CPX-4DA Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Output module
CPX-4DA
Part number: 195754
Data sheet
Feature
Value
Dimensions W x L x H
(incl. interlinking block and connection system)
50 mm x 107 mm x 50 mm
Type code
CPX
No. of outputs
4
Diagnostics
Short circuit/overload per channel
Undervoltage of outputs
Parameterization
Fail-safe modes per channel
Forcing per channel
Idle mode per channel
Response to short circuit
Module monitoring
LED indicators
1 group diagnostics
4 channel diagnostics
4 channel status
Fuse protection (short circuit)
Internal electronic fuse per channel
DC operating voltage range
18 V ... 30 V
Intrinsic current consumption at nominal operating voltage
Typ. 16 mA
Max. power supply per channel
1 A (24 W lamp load)
Max. residual current of outputs per module
4 A
Nominal operating voltage DC
24 V
Electrical isolation between channel and internal bus
Yes, when using intermediate feed
Electrical isolation between channels
no
Corrosion resistance class (CRC)
1 - Low corrosion stress
(when installed)
Storage temperature
-20 °C ... 70 °C
Degree of protection
Depends on manifold block
Ambient temperature
-5 °C ... 50 °C
Product weight
42 g
Characteristic curve outputs
Based on IEC1131-T2
Switching logic at outputs
PNP (positive switching)
Housing material
PA-reinforced
PC
6/10/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - CPX-4DA

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CPX-4DE FESTO-CPX-4DE Datasheet
86Kb / 1P
Input module
More results

Similar Description - CPX-4DA

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CPS-DO-16L CONTEC-CPS-DO-16L Datasheet
640Kb / 2P
Digital Output Module
logo
Festo Corporation.
4080494 FESTO-4080494 Datasheet
75Kb / 2P
Analogue output module
538787 FESTO-538787 Datasheet
76Kb / 1P
Input/output module
538790 FESTO-538790 Datasheet
76Kb / 1P
Input/output module
541482 FESTO-541482 Datasheet
88Kb / 1P
Output module
546924 FESTO-546924 Datasheet
78Kb / 1P
Output module
550204 FESTO-550204 Datasheet
86Kb / 1P
Output module
572607 FESTO-572607 Datasheet
95Kb / 2P
Input/output module
576046 FESTO-576046 Datasheet
93Kb / 2P
Input/output module
1971599 FESTO-1971599 Datasheet
82Kb / 2P
Output module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com