Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3FV/UL Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # B3FV/UL
Description  Space-saving Two-wire Signal Conditioners B3-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B3FV/UL Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  B3FV/UL Datasheet HTML 1Page - M-System Co.,Ltd. B3FV/UL Datasheet HTML 2Page - M-System Co.,Ltd. B3FV/UL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: B3FV
B3FV SPECIFICATIONS
ES-7513 Rev.10 Page 1/3
https://www.m-system.co.jp/
Space-saving Two-wire Signal
Conditioners B3-UNIT
SIGNAL TRANSMITTER
(field-configurable)
Functions & Features
• Converts a DC input into an isolated 4 – 20 mA DC signal
• DIP switch configurable input range
• Monitor terminals
• High-density mounting
mm (inch)
110.5
(4.35)
18 (.71)
106
(4.17)
MODEL: B3FV[1]
ORDERING INFORMATION
• Code number: B3FV[1]
Specify a code from below for [1].
(e.g. B3FV/UL/Q)
• Input range (e.g. 0 – 10 V DC)
• If you need the transmitter to be calibrated to a specific
range, please specify when ordering. Non-specified orders
will be shipped at default factory setting (4 – 20 mA input)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
GENERAL SPECIFICATIONS
Construction: Small-sized front terminal structure
Connection: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Housing material: Flame-resistant resin (gray)
Isolation: Input to output
Configuration: DIP switch
Setting:
• Input Type
• Input Range
• Others
Refer to the instruction manual for details.
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
Input resistance: 250 Ω (4 – 20 mA)
Usable range:
Max. range: -30 to +30 mA DC
Span: Min. 16 μA, Max. 60 mA
Offset: -100 to +80 % of the selected range
■ DC Voltage
•Input resistance
Span 4 mV – 3 V : ≥ 1 MΩ
(≥ 40 kΩ with no supply voltage)
Span ≥ 3 V : ≥ 1 MΩ
•Usable range:
Max. range: -100 to +100 V DC
Span: Min. 4m V, Max. 100 V
Offset: -100 to +80 % of the selected range
(Max. voltage across the input terminals:
70 V for conform with EU Directive; 60 V for UL approval)
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 12 (V)) ÷ 0.02
(A)
(including leadwire resistance)
10 12
20
30
40
45
0
200
400
600
800
1000
1200
1400
1600
1650
SUPPLY VOLTAGE [V ]
(600Ω maximum at 24V DC)


Similar Part No. - B3FV/UL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F Datasheet
328Kb / 5P
Mechanical Key Switch
B3F OMRON-B3F Datasheet
1Mb / 12P
Tactile Switch
B3F OMRON-B3F Datasheet
1Mb / 12P
Tactile Switch
B3F-1000 OMRON-B3F-1000 Datasheet
328Kb / 5P
Mechanical Key Switch
B3F-1000 OMRON-B3F-1000 Datasheet
1Mb / 12P
Tactile Switch
More results

Similar Description - B3FV/UL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B3FR MSYSTEM-B3FR Datasheet
122Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3FT MSYSTEM-B3FT Datasheet
133Kb / 4P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU MSYSTEM-B3HU Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU2 MSYSTEM-B3HU2 Datasheet
121Kb / 4P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3PU MSYSTEM-B3PU Datasheet
121Kb / 4P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS1 MSYSTEM-B3VS1 Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS2 MSYSTEM-B3VS2 Datasheet
106Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
BCT MSYSTEM-BCT Datasheet
112Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BPT MSYSTEM-BPT Datasheet
104Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
B3VS MSYSTEM-B3VS Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com