Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3FT-2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # B3FT-2
Description  Space-saving Two-wire Signal Conditioners B3-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B3FT-2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  B3FT-2 Datasheet HTML 1Page - M-System Co.,Ltd. B3FT-2 Datasheet HTML 2Page - M-System Co.,Ltd. B3FT-2 Datasheet HTML 3Page - M-System Co.,Ltd. B3FT-2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: B3FT
B3FT SPECIFICATIONS
ES-7512 Rev.10 Page 2/4
https://www.m-system.co.jp/
INPUT SPECIFICATIONS
Input resistance: 20 kΩ min.
Burnout sensing: 0.1 μA
K, J, T thermocouple, Celsius
T/C
UPPER RANGE
LOWER RANGE
MIN. SPAN
(usable range)
K(CA)
-18 to +300°C
-18 to +190°C
75°C
-18 to +1370°C
-18 to +850°C
300°C
J (IC)
-18 to +300°C
-18 to +190°C
70°C
-18 to +1200°C
-18 to +750°C
300°C
T (CC)
-18 to +150°C
-18 to +75°C
75°C
-18 to +400°C
-18 to +250°C
150°C
K, J, T thermocouple, Fahrenheit
T/C
UPPER RANGE
LOWER RANGE
MIN. SPAN
(usable range)
K(CA)
0 to 572°F
0 to 374°F
135°F
0 to 2498°F
0 to 1562°F
540°F
J (IC)
0 to 572°F
0 to 374°F
126°F
0 to 2192°F
0 to 1382°F
540°F
T (CC)
0 to 302°F
0 to 167°F
135°F
0 to 752°F
0 to 482°F
270°F
E, R, N thermocouple, Celsius
T/C
UPPER RANGE
LOWER RANGE
MIN. SPAN
(usable range)
E (CRC)
-18 to +250°C
-18 to +120°C
60°C
-18 to +1000°C
-18 to +600°C
250°C
R
-18 to +700°C
-18 to +340°C
360°C
-18 to +1760°C
-18 to +1060°C
700°C
N
-18 to +400°C
-18 to +250°C
110°C
-18 to +1300°C
-18 to +800°C
400°C
E, R, N thermocouple, Fahrenheit
T/C
UPPER RANGE
LOWER RANGE
MIN. SPAN
(usable range)
E (CRC)
0 to 482°F
0 to 248°F
108°F
0 to 1832°F
0 to 1112°F
450°F
R
0 to 1292°F
0 to 644°F
648°F
0 to 3200°F
0 to 1940°F
1260°F
N
0 to 752°F
0 to 482°F
198°F
0 to 2372°F
0 to 1472°F
720°F
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 12 (V)) ÷ 0.02
(A)
(including leadwire resistance)
10 12
20
30
40
45
0
200
400
600
800
1000
1200
1400
1600
1650
SUPPLY VOLTAGE [V ]
(600Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 12 – 45 V DC
Operating temperature:
-40 to +85°C (-40 to +185°F)
Max. 55°C (131°F) for UL approval
Operating humidity: 0 to 95 %RH (non-condensing)
Mounting: DIN rail
Weight: 80 g (2.8 oz)
PERFORMANCE in percentage of span
Accuracy
K, J: ±0.2 % of FS or ±0.3°C (±0.54°F), whichever is
greater.
T, E, N: ±0.3 % of FS or ±0.4°C (±0.72°F), whichever is
greater.
R: ±0.4 % of FS at ≥ 400°C or 752°F
Cold junction compensation error: ±0.5°C or ±0.9°F
maximum for 0 – 55°C (32 – 131°F);
±2°C or ±3.6°F maximum for -40 – +85°C (-40 – +185°F)
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Burnout response: ≤ 10 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute
(input to output to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
Approval:
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.1010-1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com