Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5MS/K Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # B5MS/K
Description  Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B5MS/K Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  B5MS/K Datasheet HTML 1Page - M-System Co.,Ltd. B5MS/K Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: B5MS
B5MS SPECIFICATIONS
ES-1515 Rev.7 Page 1/2
https://www.m-system.co.jp/
Super-mini Two-wire Terminal Block
Signal Conditioners B5-UNIT
POTENTIOMETER TRANSMITTER
Functions & Features
• Provides an isolated 4 – 20 mA DC output proportional to a
potentiometer or slidewire position input
• Constant voltage excitation
• Monitor terminals
• High-density mounting
• Power LED
25 (.98)
97
(3.82)
41 (1.61)
mm (inch)
MODEL: B5MS[1]
ORDERING INFORMATION
• Code number: B5MS[1]
Specify a code from below for [1].
(e.g. B5MS/K/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS (multiple selections)
Response Time (0 – 90 %)
blank: Standard (≤ 0.5 sec.)
/K: Fast Response (Approx. 25 msec.)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Terminal block
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Zero adjustment: 0 – 30 % of total resistance (front)
Span adjustment: 70 – 100 % of total resistance (front)
Power LED: Orange LED turns on when the power is
supplied.
INPUT SPECIFICATIONS
Input: Potentiometer; 100 Ω – 10 kΩ
Minimum span: 70 % of total resistance
Excitation: 0.2 V DC
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 12 (V)) ÷ 0.02
(A)
(including leadwire resistance)
10 12
15
20
25
28
0
200
400
600
800
SUPPLY VOLTAGE [V ]
(600Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 12 – 28 V DC
Operating temperature: -40 to +80°C (-40 to +176°F)
Operating humidity: 0 to 90 %RH (non-condensing)
Mounting: DIN rail
Weight: 60 g (2.1 oz)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute
(input to output to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive


Similar Part No. - B5MS/K

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
B5M-447-380S ROITHNER-B5M-447-380S Datasheet
480Kb / 2P
Ultraviolet Light Emitting Diode
More results

Similar Description - B5MS/K

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M5TS MSYSTEM-M5TS Datasheet
111Kb / 4P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5DY MSYSTEM-M5DY Datasheet
105Kb / 4P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5VSH MSYSTEM-M5VSH Datasheet
100Kb / 3P
Super-mini Terminal Block Signal Conditioners M5-UNIT
B5RS MSYSTEM-B5RS Datasheet
109Kb / 3P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5SN MSYSTEM-B5SN Datasheet
98Kb / 2P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5TS MSYSTEM-B5TS Datasheet
118Kb / 2P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5VS MSYSTEM-B5VS Datasheet
110Kb / 3P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
TPV MSYSTEM-TPV Datasheet
97Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
TSN MSYSTEM-TSN Datasheet
95Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
TVS MSYSTEM-TVS Datasheet
97Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com