Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5SN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # B5SN
Description  Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B5SN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  B5SN Datasheet HTML 1Page - M-System Co.,Ltd. B5SN Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: B5SN
B5SN SPECIFICATIONS
ES-1519 Rev.8 Page 1/2
https://www.m-system.co.jp/
Super-mini Two-wire Terminal Block
Signal Conditioners B5-UNIT
INPUT LOOP POWERED ISOLATOR
Functions & Features
• Input-loop-powered design eliminates need for an output
loop power supply
• 350 Ω output drive
• High-density mounting
25 (.98)
97
(3.82)
41 (1.61)
mm (inch)
MODEL: B5SN–AA[1]
ORDERING INFORMATION
• Code number: B5SN-AA[1]
Specify a code from below for [1].
(e.g. B5SN-AA/Q)
• Specify the specification for option code /Q
(e.g. /C01)
INPUT
Current
A: 4 – 20 mA DC
OUTPUT
Current
A: 4 – 20 mA DC
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Terminal block
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Zero adjustment: -0.5 to +0.5 % (front)
Span adjustment: 98.5 to 101.5 % (front)
INPUT & OUTPUT
• Input 4 – 20 mA DC / Output 4 – 20 mA DC
Equivalent input impedance: 230 Ω plus load resistance
with 20 mA input
Operational range: 3 – 22 mA DC
(Accuracy is assured within 4 – 22 mA)
Load resistance: 350 Ω maximum; min. 50 Ω required for
adequate operation
INPUT CURRENT [mA]
4
12
20
10.0
3.0
approx. 5.6
(load 50Ω)
6.0
12.0
approx. 5.0
8.0
approx. 3.8
approx. 9.6
(load 250Ω)
approx. 4.6
approx. 11.6
(load 350Ω)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 0 to 90 %RH (non-condensing)
Mounting: DIN rail
Weight: 60 g (2.1 oz)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time: Approx. 15 msec. (0 – 90 %)
Load effect: (factory-calibrated with 250 Ω load)
0.015 %/Ω (50 – 150 Ω)
0.003 %/Ω (150 – 350 Ω)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
500 V AC @1 minute (input to output)
2000 V AC @1 minute (input or output to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive


Similar Part No. - B5SN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B5SN-AA MSYSTEM-B5SN-AA Datasheet
118Kb / 2P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5SN-AA/Q MSYSTEM-B5SN-AA/Q Datasheet
118Kb / 2P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
More results

Similar Description - B5SN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M5TS MSYSTEM-M5TS Datasheet
111Kb / 4P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5DY MSYSTEM-M5DY Datasheet
105Kb / 4P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5VSH MSYSTEM-M5VSH Datasheet
100Kb / 3P
Super-mini Terminal Block Signal Conditioners M5-UNIT
B5MS MSYSTEM-B5MS Datasheet
105Kb / 2P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5RS MSYSTEM-B5RS Datasheet
109Kb / 3P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5TS MSYSTEM-B5TS Datasheet
118Kb / 2P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5VS MSYSTEM-B5VS Datasheet
110Kb / 3P
Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
TPV MSYSTEM-TPV Datasheet
97Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
TSN MSYSTEM-TSN Datasheet
95Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
TVS MSYSTEM-TVS Datasheet
97Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com