Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B6U Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # B6U
Description  Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B6U Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  B6U Datasheet HTML 1Page - M-System Co.,Ltd. B6U Datasheet HTML 2Page - M-System Co.,Ltd. B6U Datasheet HTML 3Page - M-System Co.,Ltd. B6U Datasheet HTML 4Page - M-System Co.,Ltd. B6U Datasheet HTML 5Page - M-System Co.,Ltd. B6U Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: B6U
B6U SPECIFICATIONS
ES-7451 Rev.20 Page 2/6
http://www.m-system.co.jp/
LCD DISPLAY (option)
Features:
· Setting and display of input signals, engineering units and
the transmitter operating status, etc.
· Removable while the module is powered.
Display size: 36 × 20 mm (1.42” × 0.79”)
Characters
Color: Black
Format:
• 2 rows of 5 alphanumeric characters:
Top row: 7.4 mm high;
Bottom row: 6.5 mm high,
• Status indicators and engineering units
For detail of the LCD panel indication, refer to the
instruction manual.
Display range: -99999 to 99999
Decimal point: In top row
Read rate: 150 msec.
Back light: None
INPUT SPECIFICATIONS
The input type is factory-set to K thermocouple, and the
input range to 0 to 100°C.
See Table 1 for the available input type, the minimum span,
and the maximum range.
■ DC mV & V
Input resistance: ≥ 1 MΩ
■ Thermocouple
Input resistance: ≥ 1 MΩ
Burnout sensing: 130 nA ±10 %
■ RTD (2-wire, 3-wire or 4-wire)
Input resistance: ≥ 1 MΩ
Allowable leadwire resistance: Max. 20 Ω per wire
■ Resistance (2-wire, 3-wire or 4-wire)
Excitation: 0.2 mA ±10 %
Allowable leadwire resistance: Max. 20 Ω per wire
■ Potentiometer
Excitation: 0.2 mA ±10%
Allowable leadwire resistance: Max. 20 Ω per wire
OUTPUT SPECIFICATIONS
Output range: 4 – 20 mA DC
Operational range: 3.8 – 21.6 mA
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 12 (V))
÷ 0.024 (A)
(including leadwire resistance)
INSTALLATION
Supply voltage
· 12 – 42 V DC (non-approved)
· 12 – 28 V DC (approved)
Operating temperature:
· Non-safety-approved unit: -40 to +85℃ (-40 to +185°F)
· Safety-approved unit: See Safety Parameters for use in a
hazardous location.
· LCD display (full visibility): -30 to +80℃ (-22 to +176°F)
Operating humidity: 0 to 95 %RH (non-condensing)
Weight: 150 g (0.33 lb) including the LCD
PERFORMANCE
Accuracy: See Table 1 and ‘Explanations of Terms.’
Cold junction compensation error: ±0.5℃ (±0.9°F)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max. span
at -5 to +55°C [23 to 131°F]
Start-up time: Approx. 8 sec.
Response time: ≤ 2 sec. (0 – 90 %) with damping time
set to 0 and when not communicating via HART.
Supply voltage effect: ±0.003 % × [Output Span] / 1 V
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute (input to output)
Safety integrity level: Suitable for use in a safety
instrumented system up to SIL1 or SIL2 if appropriate safety
instructions are observed. Consult M-System.
EXPLANATIONS OF TERMS
■ ACCURACY
This transmitter’s accuracy is theoretically defined as the
addition of A/D and D/A conversion errors:
Accuracy = A/D Conversion Error + D/A Conversion Error
The A/D conversion error means that measured as HART
signal which is A/D converted from the analog input signal.
The D/A conversion error of this transmitter is relatively
very small so that it does not really affect the unit’s overall
performance.
The “Accuracies” given in Table 1 therefore equals the A/D
conversion error.
The temperature drift (coefficient) or the cold junction
compensation error is not included in the “Accuracy.”
■ CALCULATION EXAMPLES OF OVERALL ACCURACY IN %
• DC Voltage
1) 0 – 200 mV
Absolute value accuracy (Table 1): 40 μV
40 μV ÷ 200000 μV × 100 = 0.02 % < 0.1 %
➠ Overall accuracy = ±0.1% of span
2) 0 – 4 mV
Absolute value accuracy (Table 1): 10 μV
10 μV ÷ 4000 μV × 100 = 0.25 % > 0.1%
➠ Overall accuracy = ±0.25 % of span
• Thermocouple



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com