Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B6UB Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # B6UB
Description  Field-mounted Two-wire Signal Conditioners B6-UNIT SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B6UB Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  B6UB Datasheet HTML 1Page - M-System Co.,Ltd. B6UB Datasheet HTML 2Page - M-System Co.,Ltd. B6UB Datasheet HTML 3Page - M-System Co.,Ltd. B6UB Datasheet HTML 4Page - M-System Co.,Ltd. B6UB Datasheet HTML 5Page - M-System Co.,Ltd. B6UB Datasheet HTML 6Page - M-System Co.,Ltd. B6UB Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: B6U-B
B6U-B SPECIFICATIONS
ES-7453 Rev.29 Page 2/7
http://www.m-system.co.jp/
PACKAGE INCLUDES...
• Mounting screws
Bolt (M8 x 15): 4 pcs.
Spring washer for M8: 4 pcs.
Material: Stainless steel 304
• Mounting bracket set (option)
Mounting bracket: 1 pce.
M10 U-bolt: 2 pcs.
Nut for M10: 4 pcs.
Spring washer for M10: 4 pcs.
Material: Stainless steel 304
Applicable pipe: 1 1/2” min.; 2” max.
• LCD Angle Change Adaptor (for optional LCD display):
Adaptor plate: 1 pce.
Flat head screw (M4 x 10): 2 pcs.
GENERAL SPECIFICATIONS
Degree of protection: NEMA 4X, IP66/IP67
Wiring conduit: See ‘Ordering information.’
Electrical connection: M3.5 screw terminals (torque 0.8 N·m)
Materials
Transmitter housing: Flame-resistant resin (black)
Screw terminals: Nickel-plated brass
Enclosure: Diecast aluminium standard or stainless steel
casting (equivalent to type 316);
silver epoxy resin coating
Isolation: Input to output to outdoor enclosure
Burnout (T/C, RTD, Potentiometer & Resistance): Upscale,
downscale or no burnout selectable (standard: upscale);
Also detects wire breakdown and overrange input
exceeding the electrical design limit for DC input.
Cold Junction Compensation (thermocouple input): CJC
sensor incorporated
User-configurable items:
· Input sensor type
· Number of wires (RTD & resistance)
· Input range
· Inverted output
· Burnout
· Damping time (via HART only, standard: 0)
· Sensor calibration (via HART only)
· Output calibration
· Special linearization data (via HART only)
· HART communication mode
HART COMMUNICATION
Protocol: HART communication protocol
HART address range: 0 – 15 (factory set to 0)
Transmission speed: 1200 bps
Digital current: Approx. 1 mAp-p when communicating
Character format: 1 Start Bit, 8 Data Bits, 1 Odd Parity Bit,
1 Stop Bit
Distance: 1.5 km (0.9 miles)
HART communication mode: Master-Slave Mode and Burst
Mode (factory set to Master-Slave)
HART network mode: Point-to-Point Mode and Multi-drop
Mode; automatically set to Multi-drop Mode when the
address is set to other than 0.
LCD DISPLAY (option)
Features:
· Setting and display of input signals, engineering units and
the transmitter operating status, etc.
· Removable while the module is powered.
Display size: 36 × 20 mm (1.42” × 0.79”)
Characters
Color: Black
Format:
• 2 rows of 5 alphanumeric characters:
Top row: 7.4 mm high;
Bottom row: 6.5 mm high,
• Status indicators and engineering units
For detail of the LCD panel indication, refer to the
instruction manual.
Display range: -99999 to 99999
Decimal point: In top row
Read rate: 150 msec.
Back light: None
INPUT SPECIFICATIONS
The input type is factory-set to K thermocouple, and the
input range to 0 to 100°C.
See Table 1 for the available input type, the minimum span,
and the maximum range.
■ DC mV & V
Input resistance: ≥ 1 MΩ
■ Thermocouple
Input resistance: ≥ 1 MΩ
Burnout sensing: 130 nA ±10 %
■ RTD (2-wire, 3-wire or 4-wire)
Input resistance: ≥ 1 MΩ
Allowable leadwire resistance: Max. 20 Ω per wire
■ Resistance (2-wire, 3-wire or 4-wire)
Excitation: 0.2 mA ±10 %
Allowable leadwire resistance: Max. 20 Ω per wire
■ Potentiometer
Excitation: 0.2 mA ±10%
Allowable leadwire resistance: Max. 20 Ω per wire



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com