Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124XEF Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PDTC124XEF
Description  NPN resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC124XEF Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PDTC124XEF Datasheet HTML 4Page - NXP Semiconductors PDTC124XEF Datasheet HTML 5Page - NXP Semiconductors PDTC124XEF Datasheet HTML 6Page - NXP Semiconductors PDTC124XEF Datasheet HTML 7Page - NXP Semiconductors PDTC124XEF Datasheet HTML 8Page - NXP Semiconductors PDTC124XEF Datasheet HTML 9Page - NXP Semiconductors PDTC124XEF Datasheet HTML 10Page - NXP Semiconductors PDTC124XEF Datasheet HTML 11Page - NXP Semiconductors PDTC124XEF Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PDTC124X_SER_6
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 14 July 2005
9 of 12
Philips Semiconductors
PDTC124X series
NPN resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 15.
Table 9:
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code. [1]
Type number Package
Description
Packing quantity
3000 4000
5000 10000
PDTC124XE
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
PDTC124XEF SOT490
4 mm pitch, 8 mm tape and reel
-
-115
-
-
PDTC124XK
SOT346
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
PDTC124XM
SOT883
2 mm pitch, 8 mm tape and reel
-
-
-
-315
PDTC124XS
SOT54
bulk, straight leads
-
-
-412
-
SOT54A
tape and reel, wide pitch
-
-
-
-116
tape ammopack, wide pitch
-
-
-
-126
SOT54 variant bulk, delta pinning
-
-
-112
-
PDTC124XT
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
PDTC124XU
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com