Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM6443 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6443
Description  Digital Media System on-Chip
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6443 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320DM6443 Datasheet HTML 1Page - Texas Instruments TMS320DM6443 Datasheet HTML 2Page - Texas Instruments TMS320DM6443 Datasheet HTML 3Page - Texas Instruments TMS320DM6443 Datasheet HTML 4Page - Texas Instruments TMS320DM6443 Datasheet HTML 5Page - Texas Instruments TMS320DM6443 Datasheet HTML 6Page - Texas Instruments TMS320DM6443 Datasheet HTML 7Page - Texas Instruments TMS320DM6443 Datasheet HTML 8Page - Texas Instruments TMS320DM6443 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 202 page
background image
www.ti.com
TMS320DM6443
Digital Media System on-Chip
SPRS282 – DECEMBER 2005
• Flash Card Interfaces
• USB Port With Integrated 2.0 PHY
–
Multimedia Card (MMC)/Secure Digital (SD)
–
USB 2.0 High-/Full-Speed (480 Mbps) Client
–
CompactFlash Controller With True IDE
–
USB 2.0 High-/Full-/Low-Speed Host
Mode
(Mini-Host, Supporting One External
Device)
–
SmartMedia
• Three Pulse Width Modulator (PWM) Outputs
• Enhanced Direct-Memory-Access (EDMA)
Controller (64 Independent Channels)
• On-Chip ARM ROM Bootloader (RBL) to Boot
From NAND Flash or UART
• Two 64-Bit General-Purpose Timers (Each
Configurable as Two 32-Bit Timers)
• ATA/ATAPI I/F (ATA/ATAPI-5 Specification)
• One 64-Bit Watch Dog Timer
• Individual Power-Saving Modes for ARM/DSP
• Three UARTs (One with RTS and CTS Flow
• Flexible PLL Clock Generators
Control)
• IEEE-1149.1 (JTAG) Boundary-
• One Serial Port Interface (SPI) with Two
Scan-Compatible
Chip-Selects
• Up to 71 General-Purpose I/O (GPIO) Pins
• Master/Slave Inter-Integrated Circuit (I2C
(Multiplexed With Other Device Functions)
Bus™)
• 361-Pin Pb-Free BGA Package
• Audio Serial Port (ASP)
(ZWT Suffix), 0.8-mm Ball Pitch
–
I2S
• 0.09-µm/6-Level Cu Metal Process (CMOS)
–
AC97 Audio Codec Interface
• 3.3-V and 1.8-V I/O, 1.2-V Internal
–
Standard Voice Codec Interface (AIC12)
• Applications:
• 10/100 Mb/s Ethernet MAC (EMAC)
–
Digital Media
–
IEEE 802.3 Compliant
–
Networked Media Encode/Decode
–
Media Independent Interface (MII)
–
Video Imaging
• VLYNQ™ Interface (FPGA Interface)
Digital Media System-on-Chip (DMSoC)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com