Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLSC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CLSC
Description  CLAMP-ON CURRENT SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CLSC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CLSC Datasheet HTML 1Page - M-System Co.,Ltd. CLSC Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: CLSC
http://www.m-system.co.jp/
CLSC SPECIFICATIONS
ES-9298 Rev.3 Page 1/2
CLAMP-ON CURRENT SENSOR
(1A output)
Functions & Features
•Easy-to-install, spring-loaded, clamp-on type current
sensor
•Over-voltage clamp element for safety in open circuit
•1 A output
•Wide frequency band
•Up to 20 kHz harmonic contents
•Screw terminal connection
MODEL: CLSC–[1]
ORDERING INFORMATION
• Code number: CLSC-[1]
Specify a code from below for [1].
(e.g. CLSC-10)
[1] INPUT
10: 100 A
25: 250 A
50: 500 A
60: 600 A
CAUTION
Before you remove the sensor module or mount it, turn off
the input signal for safety. While the line is alive, the
module’s cores, attracted to each other, may be hard to
separate.
RELATED PRODUCTS
AC current, watt, power factor transducers with 1 A input
•CT input module (model: R3-CT4)
•Multi power input module (model: R3-WT1)
•AC power input module (model: R3-WT4)
•AC current transducer (model: 14CE)
•AC current transducer (model: LTCE)
•CT transmitter (model: CT)
•CT transmitter (model: KCE)
•CT transmitter (model: M2CE)
•CT transmitter (model: M5CT)
•Multi power monitor (model: 53U, 54U)
GENERAL SPECIFICATIONS
Construction: Clamp
Connection: M3 screw terminals (torque 0.3 N·m)
Housing material: Flame-resistant resin (black)
Detachable number of times: Approx. 100 times
INPUT SPECIFICATIONS
Max. working voltage: 480 V AC (primary side)
Overload capacity: 120 % continuous, 4000 % for 1 minute
Operational range
CLSC-10: ≤ 100 A
CLSC-25: ≤ 250 A
CLSC-50: ≤ 500 A
CLSC-60: ≤ 600 A
INSTALLATION
Operating temperature: -20 to +60°C (-4 to +140°F)
Operating humidity: 80 % RH max. (non-condensing)
Mounting: Fix with a binding strap.
Weight:
CLSC-10: 170 g (0.37 lbs)
CLSC-25: 175 g (0.39 lbs)
CLSC-50: 250 g (0.55 lbs)
CLSC-60: 265 g (0.58 lbs)
PERFORMANCE
Frequency: 50 / 60 Hz
Rated primary current / rated secondary current
CLSC-10: 100 A / 1 A
CLSC-25: 250 A / 1 A
CLSC-50: 500 A / 1 A
CLSC-60: 600 A / 1 A
Ratio error: ±1.0 %, 1.0 In
Phase displacement error
CLSC-10: +2±1°, 1.0 In
CLSC-25, -50, -60: +1±1°, 1.0 In
Insulation resistance: ≥ 100 MΩ with 500 V DC
(sensor core to output)
Dielectric strength: 2000 V AC @ 1 minute
(sensor core to output)


Similar Part No. - CLSC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CLSCN MSYSTEM-CLSCN Datasheet
63Kb / 1P
SPECIAL CABLE
More results

Similar Description - CLSC

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CA250 EXTECH-CA250 Datasheet
103Kb / 1P
400A AC/DC Current Clamp-on MultiMeter Adaptor
CA310 EXTECH-CA310 Datasheet
195Kb / 2P
300A AC Current Clamp-on
logo
M-System Co.,Ltd.
CLSE MSYSTEM-CLSE Datasheet
116Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSB MSYSTEM-CLSB Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
ESCLSE MSYSTEM-ESCLSE Datasheet
116Kb / 2P
CLAMP-ON CURRENT SENSOR
ESCLSB MSYSTEM-ESCLSB Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
CLSA MSYSTEM-CLSA Datasheet
84Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSD MSYSTEM-CLSD Datasheet
118Kb / 3P
CLAMP-ON CURRENT SENSOR
CLSP MSYSTEM-CLSP Datasheet
94Kb / 2P
CLAMP-ON PULSE SENSOR
logo
Pepperl+Fuchs Inc.
FB9286 PF-FB9286 Datasheet
276Kb / 1P
Clamp-on tag
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com