Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLSCN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CLSCN
Description  SPECIAL CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CLSCN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CLSCN Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL: CLS-CN
http://www.m-system.co.jp/
CLS-CN SPECIFICATIONS
ES-9306 Rev.1 Page 1/1
SPECIAL CABLE
MODEL: CLS-CN-02
ORDERING INFORMATION
• Code number: CLS-CN-02
CABLE LENGTH
02: 20 cm
RELATED PRODUCTS
• Special cable (model: CLSA-08C)
• Clamp-on current sensor (model: CLSB, CLSE)
GENERAL SPECIFICATIONS
Solderless terminal type: 0.5-3
Connector type: SMR-02V-B
Leadwire diameter: AWG 22
DIMENSIONS unit: mm (inch)
200 ±10
18.5 (.73)
Specifications are subject to change without notice.


Similar Part No. - CLSCN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CLSC MSYSTEM-CLSC Datasheet
83Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSC-10 MSYSTEM-CLSC-10 Datasheet
83Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSC-25 MSYSTEM-CLSC-25 Datasheet
83Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSC-50 MSYSTEM-CLSC-50 Datasheet
83Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSC-60 MSYSTEM-CLSC-60 Datasheet
83Kb / 2P
CLAMP-ON CURRENT SENSOR
More results

Similar Description - CLSCN

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX93000 MCNIX-MX93000 Datasheet
180Kb / 24P
Special Codec
logo
Willow Technologies Ltd
FHR4-2036D WILLOW-FHR4-2036D Datasheet
313Kb / 2P
Special Resistors
FHR4-2820H WILLOW-FHR4-2820H Datasheet
359Kb / 2P
Special Resistors
FHR4-4026H WILLOW-FHR4-4026H Datasheet
323Kb / 2P
Special Resistors
logo
Assmann Electronics Inc...
AK707-R ASSMANN-AK707-R Datasheet
275Kb / 1P
IEEE 1284 SPECIAL PRINTER CABLE
logo
PHOENIX CONTACT
RF-Z0007 PHOENIX-RF-Z0007 Datasheet
49Kb / 1P
Special wrench
logo
M-System Co.,Ltd.
CLSA08C MSYSTEM-CLSA08C Datasheet
62Kb / 1P
SPECIAL CABLE
DCN3 MSYSTEM-DCN3 Datasheet
77Kb / 2P
SPECIAL CABLE
DCN9 MSYSTEM-DCN9 Datasheet
78Kb / 2P
SPECIAL CABLE
HDR40 MSYSTEM-HDR40 Datasheet
90Kb / 1P
SPECIAL CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com