Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLSD Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # CLSD
Description  CLAMP-ON CURRENT SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CLSD Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  CLSD Datasheet HTML 1Page - M-System Co.,Ltd. CLSD Datasheet HTML 2Page - M-System Co.,Ltd. CLSD Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: CLSD
CLSD SPECIFICATIONS
ES-9299 Rev.4 Page 2/3
http://www.m-system.co.jp/
CLSD-D-200: 2000 A / 1 A
Rated VA: 0.5 VA
Frequency: 50 / 60 Hz
Ratio error: ±1.0 %, 1.0 In / ±1.5 %, 0.2 In
Phase displacement error: ±80', 1.0 In / ±120', 0.2 In
Insulation resistance: ≥ 100 MΩ with 500 V DC
(sensor core to output)
Dielectric strength: 2000 V AC @ 1 minute
(sensor core to output)
EXTERNAL DIMENSIONS mm (inch)
■ CLSD-A
77 (3.03)
approx. 300 (11.81)
41 (1.61)
24 (.94) dia.
k
l
(black)
(white)
25 (.99)
2.5 (.10)
2.5 (.10)
7 (.28)
VCTF 0.75 mm2 – 2C
K
L
■ CLSD-B
97 (3.82)
51 (2.01)
36 (1.42) dia.
k
l
approx. 300 (11.81)
25 (.99)
2.5 (.10)
2.5 (.10)
7 (.28)
VCTF 0.75 mm2 – 2C
K
L
(black)
(white)
■ CLSD-C
25 (.99)
2.5 (.10)
2.5 (.10)
)
1
8
.
1
1
(
0
0
3
.
x
o
r
p
p
a
)
6
7
.
4
(
1
2
1
7 (.28)
63 (2.48)
60 (2.36) dia.
VCTF 0.75 mm2 – 2C
k
l
K
L
(black)
(white)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com