Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CNB Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CNB
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CNB Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CNB Datasheet HTML 1Page - M-System Co.,Ltd. CNB Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: CNB
http://www.m-system.co.jp/
CNB SPECIFICATIONS
ES-8146 Rev.1 Page 1/2
Lightning Surge Protectors for
Electronics Equipment M-RESTER
WIRING BRIDGE
Functions & Features
•Easy cross-wiring of multiple MAKx to the common ground
MODEL: CNB-[1]
ORDERING INFORMATION
• Code number: CNB-[1]
Specify a code from below for [1].
(e.g. CNB-3)
[1] NUMBER OF POLES
2: Two poles
3: Three poles
4: Four poles
GENERAL SPECIFICATIONS
Material
Conductor: Nickel-plated copper
Insulation: Polyvinyl chloride, black
INSTALLATION
Weight
CNB-2: 10 g (0.35 oz)
CNB-3: 15 g (0.53 oz)
CNB-4: 20 g (0.71 oz)
DIMENSIONS unit: mm (inch)
30 (1.18)
18(.71)
PVC INSULATION
■CNB-2
■CNB ATTACHED TO THE MAKx
■CNB-3
The Wiring Bridge cannot be combined with the Single Mount Adaptor (model: MBS).
■CNB-4
48 (1.89)
36 (1.42)
66 (2.60)
18(.71) 18(.71) 18(.71)
30
°


Similar Part No. - CNB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CNB KOA-CNB Datasheet
376Kb / 2P
bussed concave termination square corner resistor array
logo
LEMO Connectors
CNB.M02.GLLA LEMO-CNB.M02.GLLA Datasheet
76Kb / 3P
REDEL P - Push-Pull
CNB.M02.GLLG LEMO-CNB.M02.GLLG Datasheet
76Kb / 3P
REDEL P - Push-Pull
CNB.M02.GLLN LEMO-CNB.M02.GLLN Datasheet
76Kb / 3P
REDEL P - Push-Pull
CNB.M02.GLLR LEMO-CNB.M02.GLLR Datasheet
76Kb / 3P
REDEL P - Push-Pull
More results

Similar Description - CNB

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com