Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CNB2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CNB2
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CNB2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CNB2 Datasheet HTML 1Page - M-System Co.,Ltd. CNB2 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: CNB2
CNB2 SPECIFICATIONS
ES-8194 Rev.1 Page 1/2
http://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
WIRING BRIDGE
Functions & Features
• Easy cross-wiring of multiple MAL/MALN to the common
ground
MODEL: CNB2-[1]
ORDERING INFORMATION
• Code number: CNB2-[1]
Specify a code from below for [1].
(e.g. CNB2-4)
[1] NUMBER OF POLES
2: Two poles
4: Four poles (for 2 units)
5: Five poles (for 3 units)
7: Seven poles (for 4 units)
GENERAL SPECIFICATIONS
Material
Conductor: Copper
Insulation: Resin (white)
INSTALLATION
Weight:
CNB2-2: 15 g (0.53 oz)
CNB2-4: 17 g (0.60 oz)
CNB2-5: 19 g (0.67 oz)
CNB2-7: 22 g (0.78 oz)


Similar Part No. - CNB2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNB2001 PANASONIC-CNB2001 Datasheet
53Kb / 2P
Reflective Photosensor
CNB2003 PANASONIC-CNB2003 Datasheet
97Kb / 3P
Reflective photosensor
CNB2301 PANASONIC-CNB2301 Datasheet
49Kb / 2P
Reflective Photosensor
logo
KOA Speer Electronics, ...
CNB2A10KTTD KOA-CNB2A10KTTD Datasheet
113Kb / 4P
Chip Networks Resistors
CNB2A10KTTE KOA-CNB2A10KTTE Datasheet
113Kb / 4P
Chip Networks Resistors
More results

Similar Description - CNB2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com