Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPH Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # COPH
Description  BELL202 MODEM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

COPH Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  COPH Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL: COP-H
COP-H SPECIFICATIONS
ES-9209 Rev.2 Page 1/1
http://www.m-system.co.jp/
BELL202 MODEM
(RS-232-C interface)
Functions & Features
•Modem interface used to configure M-System’s HART
transmitters from a PC
•RS-232-C connection to the PC
MODEL: COP–H
ORDERING INFORMATION
• Code number: COP-H
GENERAL SPECIFICATIONS
Connection
RS-232-C: 9-pin D-sub connector (female)
(Lock screw No. 4-40 UNC)
HART: Test clips
Housing material: Resin (black)
Isolation: Non-isolated
COMMUNICATION
Standard: RS-232-C, Bell202
CONNECTED DEVICE
RS-232-C: PC/AT compatible
HART: HART transmitter
INSTALLATION
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Weight: 80 g (2.8 oz)
DIMENSIONS unit: mm (inch)
approx. 1000 (39.37)
50 (1.97)
approx. 500 (19.69)
60 (2.36)
Specifications are subject to change without notice.


Similar Part No. - COPH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
COPHU MSYSTEM-COPHU Datasheet
71Kb / 2P
BELL202 MODEM
More results

Similar Description - COPH

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
MODEM
logo
PHOENIX CONTACT
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
Modem - PSI-MODEM-BASIC/USB
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
Modem - PSI-MODEM-SHDSL/PB
logo
M-System Co.,Ltd.
COPHU MSYSTEM-COPHU Datasheet
71Kb / 2P
BELL202 MODEM
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
Modem - PSI-MODEM/ETH
09/12/2020
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com