Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COPUM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # COPUM
Description  PC CONFIGURATOR CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

COPUM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  COPUM Datasheet HTML 1Page - M-System Co.,Ltd. COPUM Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: COP-UM
COP-UM SPECIFICATIONS
ES-9201 Rev.3 Page 1/2
http://www.m-system.co.jp/
PC CONFIGURATOR CABLE
(USB - modular jack, isolated)
Functions & Features
• Used to connect M-System Signal Conditioners to the PC’s
USB port when setting parameters or monitoring operations
of these devices on the PC Configurator Software
MODEL: COP–UM
ORDERING INFORMATION
• Code number: COP-UM
PACKAGE INCLUDES...
• Driver software CD-ROM (1)
GENERAL SPECIFICATIONS
Connection
USB: Type A connector
Modular Jack: 6-pin
Housing material: Resin (black)
Isolation: USB to modular jack
COMMUNICATION
Communication protocol: Full Speed USB2.0
(also usable with USB1.1 port)
Transmission speed: 38400 bps max.
CONNECTED DEVICE
USB: PC/AT compatible
OS (Windows 10 (32-bit, 64-bit), Windows 8.1 (32-bit, 64-
bit), Windows 7 (32-bit, 64-bit), Windows Vista (32-bit) )
Miniature jack side: M-System Signal Conditioners
INSTALLATION
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Weight: 75 g (2.6 oz)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(USB to Modular Jack)


Similar Part No. - COPUM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
COP-H MSYSTEM-COP-H Datasheet
68Kb / 1P
BELL202 MODEM
COP-HU MSYSTEM-COP-HU Datasheet
71Kb / 2P
BELL202 MODEM
COP-IRDA MSYSTEM-COP-IRDA Datasheet
107Kb / 3P
IrDA COMMUNICATION ADAPTOR
COP-IRDA/C MSYSTEM-COP-IRDA/C Datasheet
107Kb / 3P
IrDA COMMUNICATION ADAPTOR
COP-IRDA/C MSYSTEM-COP-IRDA/C Datasheet
107Kb / 3P
IrDA COMMUNICATION ADAPTOR
More results

Similar Description - COPUM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1760 STMICROELECTRONICS-UM1760 Datasheet
2Mb / 29P
The STLUX SMED configurator is a powerful graphical
14-May-2014
logo
ATMEL Corporation
ATDH2200E ATMEL-ATDH2200E Datasheet
131Kb / 6P
FPGA Configurator Programming Kit (Enhanced)
logo
M-System Co.,Ltd.
COP-US MSYSTEM-COP-US Datasheet
71Kb / 2P
PC CONFIGURATOR CABLE
MCN-CON MSYSTEM-MCN-CON Datasheet
64Kb / 1P
PC CONFIGURATOR CABLE
ESCOPUS MSYSTEM-ESCOPUS Datasheet
71Kb / 2P
PC CONFIGURATOR CABLE
MCNCON MSYSTEM-MCNCON Datasheet
75Kb / 1P
PC CONFIGURATOR CABLE
logo
Maxim Integrated Produc...
MAX134EVKIT MAXIM-MAX134EVKIT Datasheet
1Mb / 19P
USB-PC Connection (Cable Included)
Rev 0; 4/10
MAX15501EVKIT MAXIM-MAX15501EVKIT Datasheet
710Kb / 15P
USB-PC Connection (Cable Included)
Rev 0; 8/09
logo
PHOENIX CONTACT
2701234 PHOENIX-2701234 Datasheet
48Kb / 1P
Cable - NLC-PC/SERIAL-CBL 2M
11/05/2018
1837269 PHOENIX-1837269 Datasheet
245Kb / 7P
Cable housing - KGS-PC 4/ 7
Jan 4, 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com