Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CTM2
Description  CT PROTECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CTM2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CTM2 Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL: CTM2
http://www.m-system.co.jp/
CTM2 SPECIFICATIONS
ES-9217 Rev.0 Page 1/1
CT PROTECTOR
Functions & Features
• CT protector that mounts to Mini-M type clustered
mounting base or base socket input terminal and connects
to CT signal conditioners with a connector
• When removing main unit, etc., prevents opening of CT
secondary side
MODEL: CTM2–5
ORDERING INFORMATION
• Code number: CTM2-5
RATING
Current
5: 5 A
SPECIFICATIONS
Rating: 5 A
Rated over-range current: 50 A for 3 seconds, 10 A for 10
seconds;
Do not allow longer time as CTM2-5 is a protector with a
diode.
INSTALLATION
Operating temperature: -10 to +60°C (14 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Weight: Approx. 15 g (0.5 oz)
DIMENSIONS unit: mm (inch)
5.9
(.23)
2−3.5 (.14) dia.
23 (.91)
12 (.47)
Approx. 100 (3.94)
25 (.98)
9 (.35)
7
(.28)
Specifications are subject to change without notice.


Similar Part No. - CTM2

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTM2474F CT-CTM2474F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2474F-100L CT-CTM2474F-100L Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2474F-101L CT-CTM2474F-101L Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2474F-102L CT-CTM2474F-102L Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2474F-103L CT-CTM2474F-103L Datasheet
197Kb / 1P
Molded Inductors - Axial
More results

Similar Description - CTM2

ManufacturerPart #DatasheetDescription
logo
LEM
CT-5T LEM-CT-5T Datasheet
142Kb / 2P
CT-5T
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
logo
Littelfuse
P1402C_L LITTELFUSE-P1402C_L Datasheet
157Kb / 2P
TwinSLIC??Protector
logo
Sonardyne sound in dept...
7889 SONARDYNE-7889 Datasheet
102Kb / 2P
SIPS CT Sensor (Discontinued)
logo
Tyco Electronics
2-1375820-2 MACOM-2-1375820-2 Datasheet
99Kb / 1P
HOUSING, CT-100 11
292132-2 MACOM-292132-2 Datasheet
662Kb / 6P
AMP CT Connector Series
logo
Bourns Electronic Solut...
1830T1 BOURNS-1830T1 Datasheet
395Kb / 1P
Surge Protector
logo
TT Electronics.
DS3104 TTELEC-DS3104 Datasheet
313Kb / 1P
CT Ratio Infrared Thermometer
logo
Schneider Electric
A9MEM3200 SCHNEIDER-A9MEM3200 Datasheet
127Kb / 3P
iEM3200 energy meter - CT
May 21, 2020
logo
M-System Co.,Ltd.
CTM MSYSTEM-CTM Datasheet
65Kb / 1P
CT PROTECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com